Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52D328DC-A6BL Datasheet(PDF) 4 Page - Elpida Memory

Part # HB52D328DC-A6BL
Description  256 MB Unbuffered SDRAM S.O.DIMM 32-Mword64-bit, 100 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC100 SDRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52D328DC-A6BL Datasheet(HTML) 4 Page - Elpida Memory

  HB52D328DC-A6BL Datasheet HTML 1Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 2Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 3Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 4Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 5Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 6Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 7Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 8Page - Elpida Memory HB52D328DC-A6BL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HB52D328DC-B
Data Sheet E0084H10
4
Front side
Back side
Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name
41
DQ10
113
V
CC
42
DQ42
114
V
CC
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6
45
V
CC
117
DQMB3
46
V
CC
118
DQMB7
47
DQ12
119
V
SS
48
DQ44
120
V
SS
49
DQ13
121
DQ24
50
DQ45
122
DQ56
51
DQ14
123
DQ25
52
DQ46
124
DQ57
53
DQ15
125
DQ26
54
DQ47
126
DQ58
55
V
SS
127
DQ27
56
V
SS
128
DQ59
57
NC
129
V
CC
58
NC
130
V
CC
59
NC
131
DQ28
60
NC
132
DQ60
61
CK0
133
DQ29
62
CKE0
134
DQ61
63
V
CC
135
DQ30
64
V
CC
136
DQ62
65
RE
137
DQ31
66
CE
138
DQ63
67
W
139
V
SS
68
CKE1
140
V
SS
69
S0
141
SDA
70
A12
142
SCL
71
S1
143
V
CC
72
NC
144
V
CC


Similar Part No. - HB52D328DC-A6BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52D168GB-A6B ELPIDA-HB52D168GB-A6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-A6BL ELPIDA-HB52D168GB-A6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B ELPIDA-HB52D168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6B ELPIDA-HB52D168GB-B6B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D168GB-B6BL ELPIDA-HB52D168GB-B6BL Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results

Similar Description - HB52D328DC-A6BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD328DC-F ELPIDA-HB52RD328DC-F Datasheet
408Kb / 67P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 100 MHz Memory Bus, 2-Bank Module (32 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52D88GB-F ELPIDA-HB52D88GB-F Datasheet
155Kb / 22P
   64 MB Unbuffered SDRAM Micro DIMM 8-Mword 쨈 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 8 M 쨈 16 components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com