Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52F328EM-75B Datasheet(PDF) 4 Page - Elpida Memory

Part # HB52F328EM-75B
Description  256MB Unbuffered SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52F328EM-75B Datasheet(HTML) 4 Page - Elpida Memory

  HB52F328EM-75B Datasheet HTML 1Page - Elpida Memory HB52F328EM-75B Datasheet HTML 2Page - Elpida Memory HB52F328EM-75B Datasheet HTML 3Page - Elpida Memory HB52F328EM-75B Datasheet HTML 4Page - Elpida Memory HB52F328EM-75B Datasheet HTML 5Page - Elpida Memory HB52F328EM-75B Datasheet HTML 6Page - Elpida Memory HB52F328EM-75B Datasheet HTML 7Page - Elpida Memory HB52F328EM-75B Datasheet HTML 8Page - Elpida Memory HB52F328EM-75B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HB52F328EM-75B, HB52F329EM-75B
Data Sheet E0184H10 (Ver. 1.0)
4
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
27
/W
69
DQ24
111
/CE
153
DQ56
28
DQMB0
70
DQ25
112
DQMB4
154
DQ57
29
DQMB1
71
DQ26
113
DQMB5
155
DQ58
30
/S0
72
DQ27
114
NC
156
DQ59
31
NC
73
VCC
115
/RE
157
VCC
32
VSS
74
DQ28
116
VSS
158
DQ60
33
A0
75
DQ29
117
A1
159
DQ61
34
A2
76
DQ30
118
A3
160
DQ62
35
A4
77
DQ31
119
A5
161
DQ63
36
A6
78
VSS
120
A7
162
VSS
37
A8
79
CK2
121
A9
163
CK3
38
A10 (AP)
80
NC
122
BA0
164
NC
39
BA1
81
WP
123
A11
165
SA0
40
VCC
82
SDA
124
VCC
166
SA1
41
VCC
83
SCL
125
CK1
167
SA2
42
CK0
84
VCC
126
A12
168
VCC
Pin Description
[HB52F328EM]
Pin name
Function
A0 to A12
Address input
 Row address
A0 to A12
 Column address A0 to A9
BA0, BA1
Bank select address
DQ0 to DQ63
Data input/output
/S0, /S2
Chip select input
/RE
Row enable (/RAS) input
/CE
Column enable (/CAS) input
/W
Write enable input
DQMB0 to DQMB7
Byte data mask
CK0, CK2
Clock input
CKE0
Clock enable input
WP
Write protect for serial PD
SDA
Data input/output for serial PD
SCL
Clock input for serial PD
SA0 to SA2
Serial address input
VCC
Primary positive power supply
VSS
Ground
NC
No connection


Similar Part No. - HB52F328EM-75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52F328DC-75BL ELPIDA-HB52F328DC-75BL Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results

Similar Description - HB52F328EM-75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
HB52RF328GB-B ELPIDA-HB52RF328GB-B Datasheet
148Kb / 16P
   256MB Unbuffered SDRAM Micro DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com