Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52F329EM-75B Datasheet(PDF) 9 Page - Elpida Memory

Part # HB52F329EM-75B
Description  256MB Unbuffered SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52F329EM-75B Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB52F329EM-75B Datasheet HTML 5Page - Elpida Memory HB52F329EM-75B Datasheet HTML 6Page - Elpida Memory HB52F329EM-75B Datasheet HTML 7Page - Elpida Memory HB52F329EM-75B Datasheet HTML 8Page - Elpida Memory HB52F329EM-75B Datasheet HTML 9Page - Elpida Memory HB52F329EM-75B Datasheet HTML 10Page - Elpida Memory HB52F329EM-75B Datasheet HTML 11Page - Elpida Memory HB52F329EM-75B Datasheet HTML 12Page - Elpida Memory HB52F329EM-75B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HB52F328EM-75B, HB52F329EM-75B
Data Sheet E0184H10 (Ver. 1.0)
9
Block Diagram (HB52F328EM)
DQMB0
D1
I/O0
to I/O7
I/O0
to I/O7
DQM
DQM
DQ0 to DQ7
DQ8 to DQ15
DQMB1
D0 to D7: HM5225805
U0: 2k bits EEPROM
*
VCC (D0 to D7, U0)
VSS (D0 to D7, U0)
Serial PD
SDA
WP
47k
V
SS
A0
A1
A2
SA0 SA1 SA2
VSS
VCC
SCL
U0
SDA
SCL
Notes :
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
10
10
CK0
CK1, CK3
CLK
:4 SDRAMs + 3.3pF cap
CLK
:4 SDRAMs + 3.3pF cap
8
10
810
DQMB4
DQ32 to DQ39
DQ40 to DQ47
DQMB5
8
10
810
CKE0
CKE (D0 to D7)
CK2
10
10pF
0.33µF
× 8 pcs
0.1µF
× 8 pcs
/RE, /CE, /W
/CS
/CS
D5
D4
D0
I/O0
to I/O7
I/O0
to I/O7
DQM
DQM
/CS
/CS
/S0
/S2
"high" state.
DQMB2
D3
I/O0
to I/O7
I/O0
to I/O7
DQM
DQM
DQ16 to DQ23
DQ24 to DQ31
DQMB3
8
10
810
DQMB6
DQ48 to DQ55
DQ56 to DQ63
DQMB7
8
10
810
/CS
/CS
D7
D6
D2
I/O0
to I/O7
I/O0
to I/O7
DQM
DQM
/CS
/CS
A0 to A12, BA0, BA1


Similar Part No. - HB52F329EM-75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
HB52F328DC-75BL ELPIDA-HB52F328DC-75BL Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results

Similar Description - HB52F329EM-75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS25UC8APFA ELPIDA-EBS25UC8APFA Datasheet
158Kb / 14P
   256MB Unbuffered SDRAM DIMM
HB52E328EM-A6B ELPIDA-HB52E328EM-A6B Datasheet
150Kb / 19P
   256MB Unbuffered SDRAM DIMM
EBS25EC8APFA ELPIDA-EBS25EC8APFA Datasheet
160Kb / 14P
   256MB Unbuffered SDRAM DIMM
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
HB52RF328GB-B ELPIDA-HB52RF328GB-B Datasheet
148Kb / 16P
   256MB Unbuffered SDRAM Micro DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com