Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD1208ALTA-75 Datasheet(PDF) 3 Page - Elpida Memory

Part # EDD1208ALTA-75
Description  128 M-bit Synchronous DRAM with Double Data Rate (4-bank, SSTL_2)
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD1208ALTA-75 Datasheet(HTML) 3 Page - Elpida Memory

  EDD1208ALTA-75 Datasheet HTML 1Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 2Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 3Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 4Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 5Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 6Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 7Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 8Page - Elpida Memory EDD1208ALTA-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
Preliminary Data Sheet E0136E30
3
EDD1204ALTA, EDD1208ALTA, EDD1216ALTA
Part Number
ELPIDA Memory
Density & Bank
12: 128M/4 Bank
Bit Organization
4: x4
8: x8
16: x16
Interface
A: SSTL_2
Mask Revision
Package
TA: TSOP (II)
Speed
7A: 7.5 ns (133 MHz)
75: 7.5 ns (133 MHz)
1A: 10 ns (100 MHz)
Function
D: DDR (I)
Material Type
D: Mono
E D D 12 04 A L TA - 7A


Similar Part No. - EDD1208ALTA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD1216AASE ELPIDA-EDD1216AASE Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE-6B-E ELPIDA-EDD1216AASE-6B-E Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AASE-7A-E ELPIDA-EDD1216AASE-7A-E Datasheet
582Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA ELPIDA-EDD1216AATA Datasheet
569Kb / 49P
   128M bits DDR SDRAM (8M words x 16 bits)
EDD1216AATA-5 ELPIDA-EDD1216AATA-5 Datasheet
556Kb / 48P
   128M bits DDR SDRAM (8M words x 16 bits, DDR400)
More results

Similar Description - EDD1208ALTA-75

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S64322A ESMT-M13S64322A Datasheet
824Kb / 49P
   512K x 32 Bit x 4 Banks Double Data Rate Synchronous DRAM
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD45128163-A75L ELPIDA-UPD45128163-A75L Datasheet
821Kb / 86P
   128M-bit Synchronous DRAM 4-bank, LVTTL
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com