Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD12RB8ALFB Datasheet(PDF) 1 Page - Elpida Memory

Part # EBD12RB8ALFB
Description  128MB Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD12RB8ALFB Datasheet(HTML) 1 Page - Elpida Memory

  EBD12RB8ALFB Datasheet HTML 1Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 2Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 3Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 4Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 5Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 6Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 7Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 8Page - Elpida Memory EBD12RB8ALFB Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Document No. E0235E10 (Ver. 1.0)
Date Published October 2001 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001
C
DATA SHEET
128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB (16M words
×××× 72 bits, 1 Bank)
Description
The EBD12RB8ALFB is a 16M
× 72 × 1 bank Double
Data Rate (DDR) SDRAM Module, mounted 9 pieces
of 128M bits DDR SDRAM (EDD1208ALTA) sealed in
TSOP package, 1 piece of PLL clock driver, 2 pieces of
register driver and 1 piece of serial EEPROM (2k bits
EEPROM) for Presence Detect (PD). Read and write
operations are performed at the cross points of the
CLK and the /CLK. This high-speed data transfer is
realized by the 2bits prefetch-pipelined architecture.
Data strobe (DQS) both for read and write are available
for high speed and reliable data bus design. By setting
extended mode register, the on-chip Delay Locked
Loop (DLL) can be set enable or disable. An outline of
the products is 184-pin socket type package (dual lead
out).
Therefore, it makes high density mounting
possible without surface mount technology. It provides
common
data
inputs
and
outputs.
Decoupling
capacitors are mounted beside each TSOP on the
module board.
Features
• 184-pin socket type dual in line memory module
(DIMM)
 Outline: 133.35mm (Length) × 30.48mm (Height) ×
4.00mm (Thickness)
 Lead pitch: 1.27mm
• 2.5V power supply (VDD/VDDQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 133MHz/100MHz (max.)
• Data inputs and outputs are synchronized with DQS
• 4 banks can operate simultaneously and
independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
 Burst read stop capability
• Programmable burst sequence
 Sequential
 Interleave
• Start addressing capability
 Even and Odd
• Programmable /CAS latency (CL): 2, 2.5
• 4096 refresh cycles: 15.6µs (4096/64ms)
• 2 variations of refresh
 Auto refresh
 Self refresh


Similar Part No. - EBD12RB8ALFB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFA-1A ELPIDA-EBD12RB8ALFA-1A Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFA-75 ELPIDA-EBD12RB8ALFA-75 Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFA-7A ELPIDA-EBD12RB8ALFA-7A Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
More results

Similar Description - EBD12RB8ALFB

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BF4-J HYNIX-HYMD264G726BF4-J Datasheet
185Kb / 16P
   Registered DDR SDRAM DIMM
logo
Elpida Memory
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
Hynix Semiconductor
HYMD132G725BL8-M HYNIX-HYMD132G725BL8-M Datasheet
259Kb / 17P
   Registered DDR SDRAM DIMM
HYMD232G726A8-M HYNIX-HYMD232G726A8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A4-M HYNIX-HYMD264G726A4-M Datasheet
262Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com