Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD11ED8ABFA-7B Datasheet(PDF) 10 Page - Elpida Memory

Part # EBD11ED8ABFA-7B
Description  1GB Unbuffered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11ED8ABFA-7B Datasheet(HTML) 10 Page - Elpida Memory

Back Button EBD11ED8ABFA-7B Datasheet HTML 6Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 7Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 8Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 9Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 10Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 11Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 12Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 13Page - Elpida Memory EBD11ED8ABFA-7B Datasheet HTML 14Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EBD10RD4ABFA
Preliminary Data Sheet E0274E40 (Ver. 4.0)
10
Electrical Specifications
• All voltages are referenced to VSS (GND).
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +3.6
V
Supply voltage relative to VSS
VDD
–1.0 to +3.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PT
18
W
Operating ambient temperature
TA
0 to +70
°C
1
Storage temperature
Tstg
–55 to +125
°C
Note:1.
DDR SDRAM component specification
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = 0 to +70°C) (DDR SDRAM Component Specification)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
VDD,VDDQ
2.3
2.5
2.7
V
1
VSS
0
0
0
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
2
Input low voltage
VIL (DC)
–0.3
VREF – 0.15
V
3
Input voltage level,
CK and /CK inputs
VIN (DC)
–0.3
VDDQ + 0.3
V
4
Input differential cross point
voltage, CK and /CK inputs
VIX (DC)
0.5
× VDDQ − 0.2V 0.5 × VDDQ
0.5
× VDDQ + 0.2V V
Input differential voltage,
CK and /CK inputs
VID (DC)
0.36
VDDQ + 0.6
V
5, 6
Notes: 1. VDDQ must be lower than or equal to VDD.
2. VIH is allowed to exceed VDD up to 3.6V for the period shorter than or equal to 5ns.
3. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
4. VIN (DC) specifies the allowable DC execution of each differential input.
5. VID (DC) specifies the input differential voltage required for switching.
6. VIH (CK) min assumed over VREF + 0.18V, VIL (CK) max assumed under VREF – 0.18V
if measurement.


Similar Part No. - EBD11ED8ABFA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11ED8ABFB ELPIDA-EBD11ED8ABFB Datasheet
209Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
EBD11ED8ABFB-6B ELPIDA-EBD11ED8ABFB-6B Datasheet
209Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
EBD11ED8ABFB-7A ELPIDA-EBD11ED8ABFB-7A Datasheet
209Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
EBD11ED8ABFB-7B ELPIDA-EBD11ED8ABFB-7B Datasheet
209Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM EBD11ED8ABFB (128M words 횞 72 bits, 2 Banks)
More results

Similar Description - EBD11ED8ABFA-7B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11UD8ABFB ELPIDA-EBD11UD8ABFB Datasheet
208Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com