Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTIPU16C-102 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTIPU16C-102
Description  15 Watt Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU16C-102 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTIPU16C-102 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU16C-102 Datasheet HTML 2Page - Wall Industries,Inc. DTIPU16C-102 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU16 Series
15 Watt
Single Output
AC/DC Desktop Power Supply
Rev A
Approval not for B Type
FEATURES
● Splash Proof
● Single Output
● 2 Year Warranty
● Energy Star Compliant
● B Type: Class II Insulation
● Optional Output Connectors
● A & C Types: Class I Insulation
● 3 Types of Inlet Connectors Available
● Wide Input Voltage 90~264VAC, 47~63Hz
-20°C~+70°C Operating Temperature Range
SPECIFICATIONS: DTIPU16 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
0.4
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.26
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Load Regulation
Vin = 230VAC
3
10
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power Range
Vin = 90 to 264VAC
15
W
Output Current Range
See Rating Chart
*Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response Time
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
5
ms
PROTECTION
Over Voltage Protection
Nil
%
Over Current Protection
Nil. Output protected to short circuit conditions
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
72
85
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
Primary to Ground (For A & C Types Only)
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
No Load Power Consumption
No Load, Vin = 240VAC
0
0.4
0.5
W
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
-20
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
MTBF
Operating temperature at 25°C, Calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL
Weight
Approximately 165 grams
Dimensions (L x W x H)
3.58 x 1.50 x 1.42 inches
91.0 x 38.0 x 36.0 mm
Input Inlet
IEC-320-C14, IEC-320-C8, IEC-320-C6
Warranty
2 years
SAFETY
CISPR (EMI Requirements for CISPR-22)
Vin = 220VAC
B
Class
FCC (EMI Requirements for FCC Part-15)
Vin = 110VAC
B
Class
*Note: The Ripple & Noise for output voltages under 3.3VDC is 2% max.


Similar Part No. - DTIPU16C-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTIPU20A-102 WALL-DTIPU20A-102 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTIPU20A-105 WALL-DTIPU20A-105 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTIPU20A-106 WALL-DTIPU20A-106 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTIPU20A-108 WALL-DTIPU20A-108 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU16C-102

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU16 WALL-DTSPU16 Datasheet
175Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTMPU15 WALL-DTMPU15 Datasheet
200Kb / 3P
   15 Watt Single Output For Medical Equipment AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com