Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTIPU45-209 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTIPU45-209
Description  Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTIPU45-209 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTIPU45-209 Datasheet HTML 1Page - Wall Industries,Inc. DTIPU45-209 Datasheet HTML 2Page - Wall Industries,Inc. DTIPU45-209 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTIPU45 Series
Up to 50 Watts
Single, Dual, & Triple Outputs
AC/DC Desktop Power Supply
Rev. A
FEATURES
● Splash Proof
● Class I Insulation
● Two Year Warranty
● IEC-320-C14 Input Inlet
● Optional Output Connectors
● Single, Dual, and Triple Outputs
● Over Voltage Protection (Crowbar Design)
● -20°C~+70°C Operating Temperature Range
● Wide Input Voltage Range: 90~264VAC, 47~63Hz
● Input Surge Current, Over Voltage, and Over Load Protection
DESCRIPTION
The DTIPU45 series of AC/DC switching mode power supplies provide up to 50 watts of continuous output power. Models have a universal
input range and are available with single, dual, or triple outputs. Some features include -20°C ~ +70°C operating temperature and input
surge current, over voltage, and over load protection. All supplies are UL94V-1 compliant and include an IEC-320-C14 input for worldwide
applications. These supplies meet FCC Part-15 class B and CISPR-22 class B emission limits and are designed to comply with UL/c-UL
(UL 60950-1), TUV/GS (EN 60950-1), and new CE requirements. All units are 100% burn-in tested.
SPECIFICATIONS: DTIPU45 Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
1.35
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.8
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
Load Regulation
Vin = 230VAC
3
15
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power Range
Vin = 90 to 264VAC
0
50
W
Output Current Range
See Rating Chart
*Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
16
ms
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
75
83
88
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
-20
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
MTBF
Operating temperature at 25°C, Calculated per MIL-HDBK-217F
100,000 hours
PHYSICAL
Weight
Approximately 535 ~ 560 grams
Dimensions
5.75(L) x 2.99(W) x 1.69(H) inches
146.0(L) x 76.0(W) x 43.0(H) mm
Warranty
2 years
SAFETY
EMI Requirements for CISPR-22
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-15
Vin = 110VAC
B
Class
*Note: The Ripple & Noise for output voltages under 3.3VDC is 2% max.
APPLICATIONS
● Scanners
● LCD Monitors
● Thermal Printers
● Humidity Temperature Meters


Similar Part No. - DTIPU45-209

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-101 WALL-DTIPU16A-101 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-102 WALL-DTIPU16A-102 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-103 WALL-DTIPU16A-103 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU16A-104 WALL-DTIPU16A-104 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTIPU45-209

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
   Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
   Triple Output Up to 68 Watts AC/DC Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com