Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD11UD8ABDA-7A Datasheet(PDF) 11 Page - Elpida Memory

Part # EBD11UD8ABDA-7A
Description  1GB DDR SDRAM SO DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11UD8ABDA-7A Datasheet(HTML) 11 Page - Elpida Memory

Back Button EBD11UD8ABDA-7A Datasheet HTML 7Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 8Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 9Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 10Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 11Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 12Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 13Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 14Page - Elpida Memory EBD11UD8ABDA-7A Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EBD10RD4ABFA
Preliminary Data Sheet E0274E40 (Ver. 4.0)
11
DC Characteristics 1 (TA = 0 to +70°C, VDD = 2.5V ± 0.2V, VSS = 0V)
Parameter
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current (ACTV-PRE)
IDD0
-6B
-7A, -7B
3165
2830
mA
CKE ≥ VIH,
tRC = tRC (min.)
1, 2, 9
Operating current
(ACTV-READ-PRE)
IDD1
-6B
-7A, -7B
3525
3190
mA
CKE ≥ VIH, BL = 4,
CL = 3.5,
tRC = tRC (min.)
1, 2, 5
Idle power down standby current
IDD2P
-6B
-7A, -7B
520
454
mA
CKE ≤ VIL
4
Floating idle standby current
IDD2F
-6B
-7A, -7B
1185
1030
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 5
Quiet idle standby current
IDD2Q
-6B
-7A, -7B
915
850
mA
CKE ≥ VIH, /CS ≥ VIH,
DQ, DQS, DM = VREF
4, 10
Active power down
standby current
IDD3P
-6B
-7A, -7B
825
760
mA
CKE ≤ VIL
3
Active standby current
IDD3N
-6B
-7A, -7B
1725
1480
mA
CKE ≥ VIH, /CS ≥ VIH
tRAS = tRAS (max.)
3, 5, 6
Operating current
(Burst read operation)
IDD4R
-6B
-7A, -7B
4065
3460
mA
CKE ≥ VIH, BL = 2,
CL = 3.5
1, 2, 5, 6
Operating current
(Burst write operation)
IDD4W
-6B
-7A, -7B
4065
3460
mA
CKE ≥ VIH, BL = 2,
CL = 3.5
1, 2, 5, 6
Auto refresh current
IDD5
-6B
-7A, -7B
5685
5260
mA
tRFC = tRFC (min.),
Input ≤ VIL or ≥ VIH
Self refresh current
IDD6
-6B
-7A, -7B
538
472
mA
Input ≥ VDD – 0.2 V
Input ≤ 0.2 V
Operating current
(4 banks interleaving)
IDD7A
-6B
-7A, -7B
8025
6880
mA
BL = 4
5, 6, 7
Notes. 1. These IDD data are measured under condition that DQ pins are not connected.
2. One bank operation.
3. One bank active.
4. All banks idle.
5. Command/Address transition once per one cycle.
6. Data/Data mask transition twice per one cycle.
7. 4 banks active. Only one bank is running at tRC = tRC (min.)
8. The IDD data on this table are measured with regard to tCK = tCK (min.) in general.
9. Command/Address transition once every two clock cycles.
10. Command/Address stable at ≥ VIH or ≤ VIL.
DC Characteristics 2 (TA = 0 to +70°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
(DDR SDRAM Component Specification)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
IL
–2
2
µA
VDD ≥ VIN ≥ VSS
Output leakage current
IOZ
–5
5
µA
VDDQ ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V


Similar Part No. - EBD11UD8ABDA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD11UD8ABFA ELPIDA-EBD11UD8ABFA Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11UD8ABFA-7A ELPIDA-EBD11UD8ABFA-7A Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11UD8ABFA-7B ELPIDA-EBD11UD8ABFA-7B Datasheet
197Kb / 18P
   1GB Unbuffered DDR SDRAM DIMM
EBD11UD8ABFB ELPIDA-EBD11UD8ABFB Datasheet
208Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM
EBD11UD8ABFB-6B ELPIDA-EBD11UD8ABFB-6B Datasheet
208Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD11UD8ABDA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBJ10UE8BDS0 ELPIDA-EBJ10UE8BDS0 Datasheet
210Kb / 21P
   1GB DDR3 SDRAM SO-DIMM
EBE11UE6ACUA ELPIDA-EBE11UE6ACUA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BF1SA-25R ETC2-SEN01G64D1BF1SA-25R Datasheet
390Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
SEN01G64D1BH1MT-25[EW]R ETC2-SEN01G64D1BH1MT-25[EW]R Datasheet
431Kb / 14P
   1GB DDR2 ??SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com