Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD25EC8AJFA Datasheet(PDF) 1 Page - Elpida Memory

Part # EBD25EC8AJFA
Description  256MB Unbuffered DDR SDRAM DIMM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25EC8AJFA Datasheet(HTML) 1 Page - Elpida Memory

  EBD25EC8AJFA Datasheet HTML 1Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 2Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 3Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 4Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 5Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 6Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 7Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 8Page - Elpida Memory EBD25EC8AJFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document No. E0274E40 (Ver. 4.0)
Date Published April 2003 (K) Japan
URL: http://www.elpida.com
Elpida Memory,Inc. 2002-2003
PRELIMINARY DATA SHEET
1GB Registered DDR SDRAM DIMM
EBD10RD4ABFA (128M words
×××× 72 bits, 1 Rank)
Description
The EBD10RD4ABFA is 128M words
× 72 bits, 1 rank
Double Data Rate (DDR) SDRAM registered module,
mounting 18 pieces of 512M bits DDR SDRAM sealed
in TSOP package.
Read and write operations are
performed at the cross points of the CK and the /CK.
This high-speed data transfer is realized by the 2-bit
prefetch-pipelined architecture.
Data strobe (DQS)
both for read and write are available for high speed and
reliable data bus design. By setting extended mode
register, the on-chip Delay Locked Loop (DLL) can be
set enable or disable.
This module provides high
density mounting without utilizing surface mount
technology.
Decoupling capacitors are mounted
beside each TSOP on the module board.
Features
• 184-pin socket type dual in line memory module
(DIMM)
 PCB height: 30.48mm
 Lead pitch: 1.27mm
• 2.5V power supply
• Data rate: 333Mbps/266Mbps (max.)
• 2.5 V (SSTL_2 compatible) I/O
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs and outputs are synchronized with DQS
• 4 internal banks for concurrent operation
(Component)
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Auto precharge option for each burst access
• Programmable burst length: 2, 4, 8
• Programmable /CAS latency (CL): 2, 2.5
• Refresh cycles: (8192 refresh cycles /64ms)
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh
• 1 piece of PLL clock driver, 2 pieces of register driver
and 1 piece of serial EEPROM (2k bits) for Presence
Detect (SPD) on PCB.


Similar Part No. - EBD25EC8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-7B ELPIDA-EBD25EC8AAFA-7B Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD25EC8AKFA-5B ELPIDA-EBD25EC8AKFA-5B Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
More results

Similar Description - EBD25EC8AJFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD25UC8AMFA ELPIDA-EBD25UC8AMFA Datasheet
152Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA-6B ELPIDA-EBD25UC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA-6B ELPIDA-EBD25EC8AAFA-6B Datasheet
174Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AAFA ELPIDA-EBD25UC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
HB54A2568FM-A75B ELPIDA-HB54A2568FM-A75B Datasheet
190Kb / 17P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AJFA ELPIDA-EBD25UC8AJFA Datasheet
197Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM
EBD26UB8ALFA ELPIDA-EBD26UB8ALFA Datasheet
168Kb / 16P
   256MB Unbuffered DDR SDRAM DIMM
EBD25EC8AAFA ELPIDA-EBD25EC8AAFA Datasheet
176Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AMFA-5 ELPIDA-EBD25UC8AMFA-5 Datasheet
153Kb / 18P
   256MB Unbuffered DDR SDRAM DIMM
logo
White Electronic Design...
WV3EG6437S-D4 WEDC-WV3EG6437S-D4 Datasheet
304Kb / 11P
   256MB - 2x16Mx64 DDR SDRAM SO-DIMM, UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com