Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBD52UC8AARA-6B Datasheet(PDF) 9 Page - Elpida Memory

Part # EBD52UC8AARA-6B
Description  512MB DDR SDRAM SO DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52UC8AARA-6B Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBD52UC8AARA-6B Datasheet HTML 5Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 6Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 7Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 8Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 9Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 10Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 11Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 12Page - Elpida Memory EBD52UC8AARA-6B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EBD10RD4ABFA
Preliminary Data Sheet E0274E40 (Ver. 4.0)
9
Differential Clock Net Wiring (CK0, /CK0)
120
240
(Typically two registers per DIMM)
0ns (nominal)
240
120
120
CK0
Notes: 1. The clock delay from the input of the PLL clock to the input of any SDRAM or register willl
be set to 0 ns (nominal).
2. Input, output and feedback clock lines are terminated from line to line as shown, and not
from line to ground.
3. Only one PLL output is shown per output type. Any additional PLL outputs will be wired
in a similar manner.
4. Termination resistors for feedback path clocks are located after the pins of the PLL.
C
/CK0
SDRAM
stack
SDRAM
stack
Register1
Register2
PLL
Feedback
IN
OUT1
OUT'N'


Similar Part No. - EBD52UC8AARA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA-6B ELPIDA-EBD52UC8AAFA-6B Datasheet
184Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AAFA-7B ELPIDA-EBD52UC8AAFA-7B Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results

Similar Description - EBD52UC8AARA-6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
logo
List of Unclassifed Man...
SDN06464L1BF1MT-60R ETC2-SDN06464L1BF1MT-60R Datasheet
693Kb / 14P
   512MB DDR SDRAM SO-DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
SDN06464K1BF1MT-50 ETC2-SDN06464K1BF1MT-50 Datasheet
607Kb / 13P
   512MB DDR1 ??SDRAM SO-DIMM
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CH1MT-30R ETC2-SEN06464H2CH1MT-30R Datasheet
409Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com