Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTMPU50-301 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTMPU50-301
Description  Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTMPU50-301 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTMPU50-301 Datasheet HTML 1Page - Wall Industries,Inc. DTMPU50-301 Datasheet HTML 2Page - Wall Industries,Inc. DTMPU50-301 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTMPU50 Series
Up to 50 Watts
Single, Dual, and Triple Outputs
AC/DC Medical Desktop Power Supply
Rev. B
FEATURES
● Splash Proof
● 2 Year Warranty
● Class I Insulation
● IEC 320-C14 Input Inlet
● Optional Output Connectors
● Medical UL2601-1, EN60606-1 Approved
● Single, Dual, and Triple Outputs Available
● Output Voltage Protection (Crowbar Design)
● Wide Input Voltage 90 to 264VAC, 47 to 63Hz
● Output Voltages Available from 2VDC through 50VDC
● Input Surge Current, Over Voltage, and Over Load Protection
SPECIFICATIONS: DTMPU50 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Input Voltage
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
1.35
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.7
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.1
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1.5
2
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
VDC
Load Regulation
Vin = 230VAC
3
7
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power
Vin = 90 to 264VAC
0
50
W
Output Current Range
See Rating Chart
A
*Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
16
ms
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
75
83
88
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
5600
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2800
VDC
Isolation Resistance
Test Voltage = 2100VDC
50
MΩ
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 50°C to 50% load at 70°C
0
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
5
95
%
PHYSICAL
Weight
Approximately 510 - 560
grams
Dimensions
5.75(L) x 2.99(W) x 1.69(H)
inches
Warranty
2
years
SAFETY
EMI Requirements for CISPR-11
Vin = 220VAC
B
Class
EMI Requirements for FCC PART-18
Vin = 110VAC
B
Class
*Note: The Ripple & Noise for output voltages under 3.3VDC is 2% max.


Similar Part No. - DTMPU50-301

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
   90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
More results

Similar Description - DTMPU50-301

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTAM165 WALL-DTAM165 Datasheet
89Kb / 3P
   Up to 165 Watts, Medical AC - DC Desktop Power Supplies
PSMPD45 WALL-PSMPD45 Datasheet
167Kb / 3P
   Dual Output Up to 45 Watts AC/DC Medical Power Supply
PSMPD65 WALL-PSMPD65 Datasheet
166Kb / 3P
   Dual Output Up to 65 Watts AC/DC Medical Power Supply
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
   Single Output Up to 30 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com