Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R-1-48-4R Datasheet(PDF) 1 Page - OEN India Limited

Part # 3R-1-48-4R
Description  MEDIUM POWER INDUSTRIAL RELAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OENINDIA [OEN India Limited]
Direct Link  http://www.oenindia.com
Logo OENINDIA - OEN India Limited

3R-1-48-4R Datasheet(HTML) 1 Page - OEN India Limited

  3R-1-48-4R Datasheet HTML 1Page - OEN India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31 - 3R/4R
MEDIUM POWER INDUSTRIAL RELAY
SPECIFICATIONS
HOW TO ORDER
COIL DATA
RELAY SOCKET ASSEMBLY
DIMENSION
CSA Certified (file number 106405-1)
Compact High Performance
Direct Panel Mounting Facility
1 Form C, 2 Form C & 3 Form C Contacts
Free Wheeling Diode
DIN Rail Mounting Socket Available
LED Indication Optional
3R
-
3
-
230 - XXX
Product Series
Nominal Voltage
(Refer coil data)
Specialities
If any
6
4.5
30
4.5
4
12
9.0
150
9.0
16
18
14.4
390
14.4
40
24
18.0
500
18.0
70
48
36.0
2250
36.0
300
60
45.0
3000
45.0
650
115
82.5
10000
82.5
2000
230
184.0
30000
184.0
10000
Contact Arrangement
: 1 Form C, 2 Form C
3 Form C
Contact Material
: Silver alloy
Contact Rating
Rated Voltage
: 230VAC/24VDC
Max. Voltage
: 440VAC/220VDC
Max
: 10A
@230 VAC/24VDC
Max. Switching Current
: 20A (Max. 4 S. at
duty cycle <10%)
Rated Breaking Capacity
: 2300 VA
Nominal Coil Power
: 1.1 Watts
Operating Power
: 0.7 W
Electrical
: 10 operations
Dielectric Strength
Between Contacts
: 2000 VRMS
Ambient Temperature
: -40 C to +70 C
Weight
: 100 gms
Continuous Current
Life Expectancy
Mechanical
: 10 operations
Contact Resistance
: 50m Ohms Max.
(Initial)
Between Open Contact
: 500 VRMS
and Coil
Insulation Resistance
: 500M Ohms@
500VDC, 25 C,
RH50
Operate time
at Nominal Voltage
: 20 milli sec. (Max)
Release time
at Nominal Voltage
: 10 milli sec. (Max)
Industrial Control, Instrumentation, Automation, Battery
Chargers, Power Conditioning Equipments.
6
0
5
00
Typical applications
4R
3R
3R : AC Relay
4R : DC Relay
Number of poles
1,2 or 3
SOCKET TERMINAL LAYOUT
2xM2.5
(For Mounting)
6.2
33.0
36.0
1.9
Note :
For 1 C/O Relay use terminal set 7,8 & 9
For 2 C/O Relay use terminal set 4,5,6 & 10,11,12
In case of Relay with clamping diode, take 2 as
positive
All dimensions are in mm. Specifications subject to change
without notice.
RETAINING CLIP
RELAY
SOCKET
2
3
1
2x 3.3 MTG HOLE
Ø
6
5
4
6
6
5
5
3
3
2
2
4
4
6
5
4
3
2
42.0
75.0
9
8
9
9
8
8
12
11
10
7
7
9
8
1
12
12
11
11
10
10
7
7
1
1
12
11
10
Vyttila, Cochin-682 019. Kerala,India. Ph:0091 (0) 484-301132,303709
Fax:0091 (0) 484-302287, 302211.www.oenindia.com. E-mail : sales@oenindia.com


Similar Part No. - 3R-1-48-4R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
3R-100 WILLOW-3R-100 Datasheet
812Kb / 2P
   100Watt Mountable Non-Inductive,High Frequency Resistors
logo
HuaXinAn Electronics CO...
3R-140 HUAXINAN-3R-140 Datasheet
247Kb / 2P
   3-Electrode Gas Discharge Tubes
3R-150 HUAXINAN-3R-150 Datasheet
177Kb / 2P
   3-Electrode Gas Discharge Tubes
3R-150 HUAXINAN-3R-150 Datasheet
247Kb / 2P
   3-Electrode Gas Discharge Tubes
More results

Similar Description - 3R-1-48-4R

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
1R-2-6-1R OENINDIA-1R-2-6-1R Datasheet
305Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAY
logo
American Electronic Com...
DLR AEC-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
Willow Technologies Ltd
DLR WILLOW-DLR Datasheet
453Kb / 7P
   industrial power relay
logo
OEN India Limited
72A-24-130-500 OENINDIA-72A-24-130-500 Datasheet
125Kb / 1P
   MEDIUM POWER INDUSTRIAL RELAYS
3501-1A-6E OENINDIA-3501-1A-6E Datasheet
337Kb / 2P
   MEDIUM POWER AUTOMOTIVE RELAY
OEN35 OENINDIA-OEN35 Datasheet
524Kb / 2P
   MEDIUM POWER AUTOMOTIVE RELAY
logo
Willow Technologies Ltd
DG34 WILLOW-DG34 Datasheet
350Kb / 3P
   pcb / industrial power relay
logo
Tyco Electronics
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
logo
Willow Technologies Ltd
DG38L WILLOW-DG38L Datasheet
225Kb / 2P
   pcb and industrial power relay
DG38B WILLOW-DG38B Datasheet
264Kb / 3P
   pcb and industrial power relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com