Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3296W-102 Datasheet(PDF) 1 Page - OEN India Limited

Part # 3296W-102
Description  MINIATURE MULTITURN CERMET TRIMMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OENINDIA [OEN India Limited]
Direct Link  http://www.oenindia.com
Logo OENINDIA - OEN India Limited

3296W-102 Datasheet(HTML) 1 Page - OEN India Limited

  3296W-102 Datasheet HTML 1Page - OEN India Limited 3296W-102 Datasheet HTML 2Page - OEN India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
//htmlimg2.alldatasheet.net/htmldatasheet2/308849/OENINDIA/3296W-102/386/1/3296W-102.png


Similar Part No. - 3296W-102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
   3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100ALF BOURNS-3296W-1-100ALF Datasheet
121Kb / 2P
   3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296W-1-100LF BOURNS-3296W-1-100LF Datasheet
121Kb / 2P
   3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296W-1-100RLF BOURNS-3296W-1-100RLF Datasheet
121Kb / 2P
   3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296W-1-101 BOURNS-3296W-1-101 Datasheet
193Kb / 2P
   3296 - 3/8 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3296W-102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T7YA470K VISHAY-T7YA470K Datasheet
94Kb / 4P
   Miniature Cermet Trimmers
Revision: 05-Aug-13
TS53Y VISHAY-TS53Y_07 Datasheet
117Kb / 4P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 27-Jun-07
TSM4 VISHAY-TSM4 Datasheet
94Kb / 3P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 20-Oct-04
TS53Y VISHAY-TS53Y Datasheet
128Kb / 3P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 19-Jan-04
TSM4 VISHAY-TSM4_07 Datasheet
125Kb / 4P
   Surface Mount Miniature Trimmers Multi-Turn Cermet Sealed
Revision: 02-Oct-07
TS53YJ101MR10 VISHAY-TS53YJ101MR10 Datasheet
110Kb / 5P
   Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
Revision: 22-Dec-08
logo
List of Unclassifed Man...
CT6EP102 ETC2-CT6EP102 Datasheet
216Kb / 9P
   SINGLE TURN CERMET TRIMMERS
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
FT63EP100 COPAL-FT63EP100 Datasheet
161Kb / 7P
   SINGLE TURN CERMET TRIMMERS
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com