Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTSPU60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DTSPU60
Description  60 Watt Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DTSPU60 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU60 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU60 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU60 Series
60 Watt
Single Output
AC/DC Desktop Power Supply
Rev A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Preset Voltage
Output
Voltage Range
Output Current
Total Regulation
Maximum
Output Power
DTSPU60-101
3 VDC
3 ~ 5 VDC
6.60 ~ 4.00 A
7%
20W
DTSPU60-102
5 VDC
5 ~ 6 VDC
6.00 ~ 5.00 A
5%
30W
DTSPU60-103
6 VDC
6 ~ 8 VDC
5.83 ~ 4.37 A
5%
35W
DTSPU60-104
8 VDC
8 ~ 11 VDC
5.00 ~ 3.63 A
5%
40W
DTSPU60-105
11 VDC
11 ~ 13 VDC
4.54 ~ 3.84 A
5%
50W
DTSPU60-105-1
12 VDC
11 ~ 13 VDC
5.45 ~ 4.61
5%
60W
*DTSPU60-106
13 VDC
13 ~ 16 VDC
4.23 ~ 3.43 A
5%
55W
*DTSPU60-107
16 VDC
16 ~ 21 VDC
3.75 ~ 2.85 A
5%
60W
*DTSPU60-108
21 VDC
21 ~ 27 VDC
2.85 ~ 2.22 A
5%
60W
*DTSPU60-109
27 VDC
27 ~ 33 VDC
2.22 ~ 1.81 A
5%
60W
*DTSPU60-110
33 VDC
33 ~ 40 VDC
1.81 ~ 1.50 A
3%
60W
*DTSPU60-111
40 VDC
40 ~ 50 VDC
1.50 ~ 1.20 A
3%
60W
NOTES
1. The asterisk “ * ” next to the model number indicates PSE approval.
2. The output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as standard models if nothing
different is requested. Please contact factory for ordering details.
3. Models with output voltages from 15VDC ~ 30VDC have been approved by TUV/PSE. Models with output voltages from
30VDC ~ 50VDC have been approved by JET/PSE.
4. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the “Desktop”
category page). Please call factory for ordering details.
DERATING CURVE


Similar Part No. - DTSPU60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTSPU63-105 WALL-DTSPU63-105 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTSPU63-106 WALL-DTSPU63-106 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTSPU63-107 WALL-DTSPU63-107 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTSPU63-108 WALL-DTSPU63-108 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTSPU60

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU63 WALL-DTSPU63 Datasheet
157Kb / 3P
   63 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com