Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTSPU63 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DTSPU63
Description  63 Watt Single Output AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU63 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DTSPU63 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU63 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU63 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU63 Series
63 Watt
Single Output
AC/DC Desktop Power Supply
Rev B
FEATURES
● Splash Proof
● 2 Year Warranty
● Class I Insulation
● IEC-320-C14 Input Inlet
● Optional Output Connector
● CEC and Energy Star Compliance
● Approved as Limited Power Source (LPS)
● Over Voltage Protection (Crowbar Design)
● Wide Input Voltage 90 to 264VAC, 47~63Hz
● Output Voltage Available from 12VDC thru 50VDC
SPECIFICATIONS: DTSPU63 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT (Vin)
Operating Voltage Range
90
264
VAC
Input Frequency
47
63
Hz
Input Current (Low Line)
Io = Full Load, Vin = 115VAC
1.6
A
Input Current (High Line)
Io = Full Load, Vin = 230VAC
0.7
A
Inrush Current (Low Line)
Io = Full Load, 25°C, Cool Start, Vin = 115VAC
12
15
A
Inrush Current (High Line)
Io = Full Load, 25°C, Cool Start, Vin = 230VAC
26
30
A
Safety Ground Leakage Current
Io = Full Load, Vin = 240VAC
0.5
0.75
mA
Start-Up Time
Io = Full Load, Vin = 100VAC
0.3
1
2
s
OUTPUT (Vo)
Output Voltage Range
See Rating Chart
VDC
Load Regulation
Vin = 230VAC
3
5
%
Line Regulation
Io = Full Load
0.5
1
%
Output Power Range
Vin = 90 to 264VAC
0
63
W
Output Current Range
See Rating Chart
A
Ripple & Noise (peak to peak)
Full Load, Vin = 90VAC
0.5
1
%
Transient Response
Io = Full Load to Half Load, Vin = 100VAC
4
ms
Hold-Up Time
Io = Full Load, Vin = 110VAC
16
ms
PROTECTION
Over Voltage Protection
112
132
%
Over Current Protection
102
150
%
GENERAL
Efficiency
Io = Full Load, Vin = 230VAC
84
88
91
%
Dielectric Withstanding Voltage
For Primary to Secondary
Primary to Secondary
4242
VDC
Dielectric Withstanding Voltage
For Primary to Ground
Primary to Ground
2121
VDC
Isolation Resistance
Test Voltage = 500VDC
50
MΩ
Power Consumption (No Load)
No Load, Vin = 240VAC
0.1
0.5
W
ENVIRONMENTAL
Operating Temperature
Derate linearly from 100% Load at 40°C to 50% load at 70°C
0
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Temperature Coefficient
All Outputs
-0.04
+0.04
%/°C
MTBF
Operating Temp. at 25°C, Calculated per MIL-HDBK-217F
130,000
hours
PHYSICAL
Weight
Approximately 340g
grams
Dimensions
4.65 x 2.05 x 1.36
inches
Warranty
2
years
SAFETY
CISPR
Vin = 220VAC
B
Class
FCC
Vin = 110VAC
B
Class
Safety Standards
UL/CUL, TUV-GS, CE, CB, PSE


Similar Part No. - DTSPU63

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60-101 WALL-DTSPU60-101 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60-102 WALL-DTSPU60-102 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60-103 WALL-DTSPU60-103 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTSPU60-104 WALL-DTSPU60-104 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTSPU63

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU63 WALL-DTMPU63 Datasheet
151Kb / 3P
   63 Watt Single Output AC/DC Medical Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
   20 Watt Single Output AC/DC Desktop Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU50 WALL-DTSPU50 Datasheet
158Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
   15 Watt Single Output AC/DC Desktop Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
   25 Watt Single Output AC/DC Desktop Power Supply
DTSPU30 WALL-DTSPU30 Datasheet
150Kb / 3P
   30 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
   60 Watt Single Output AC/DC Desktop Power Supply
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
   20 Watt Single Output AC/DC Desktop Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com