Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTSPU45-216 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # DTSPU45-216
Description  Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DTSPU45-216 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  DTSPU45-216 Datasheet HTML 1Page - Wall Industries,Inc. DTSPU45-216 Datasheet HTML 2Page - Wall Industries,Inc. DTSPU45-216 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DTSPU45 Series
Up to 50 Watts
Single, Dual, & Triple Outputs
AC/DC Desktop Power Supply
Rev. A
NOTES
1. For single output models the output voltage is specified as a range (Ex: 40 ~ 50VDC); the preset voltage will be set as
standard models if nothing different is requested. Please contact factory for ordering details.
2. The “ * ” symbol means PSE approval.
3. Models with output voltages under 15VDC have been approved by TUV/PSE.
4. Optional output connectors are available (see “DC Output Plug Selector List” link located at the bottom of the “Desktop”
category page). Please call factory for ordering details.
DERATING CURVE
MECHANICAL DRAWINGS
Unit: inches [mm]


Similar Part No. - DTSPU45-216

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU40-102 WALL-DTSPU40-102 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU40-103 WALL-DTSPU40-103 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU40-104 WALL-DTSPU40-104 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
DTSPU40-105 WALL-DTSPU40-105 Datasheet
153Kb / 3P
   40 Watt Single Output AC/DC Desktop Power Supply
More results

Similar Description - DTSPU45-216

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
   Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
   Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTMPU30 WALL-DTMPU30 Datasheet
166Kb / 3P
   30 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
   Single Output Up to 30 Watts AC/DC Desktop Power Supply
DTA-070 WALL-DTA-070 Datasheet
138Kb / 2P
   To 70 Watts Single Output AC/DC Desktop Power Supply
DTA-060A WALL-DTA-060A Datasheet
56Kb / 2P
   To 60 Watts Single Output AC/DC Desktop Power Supply
PSPT45 WALL-PSPT45 Datasheet
188Kb / 3P
   Triple Output Up to 45 Watts AC/DC Power Supply
PSPT65 WALL-PSPT65 Datasheet
184Kb / 3P
   Triple Output Up to 68 Watts AC/DC Power Supply
PSMPT45 WALL-PSMPT45 Datasheet
169Kb / 3P
   Triple Output Up to 45 Watts AC/DC Medical Power Supply
PSMPT65 WALL-PSMPT65 Datasheet
176Kb / 3P
   Triple Output Up to 65 Watts AC/DC Medical Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com