Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2504AASE-6E-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDE2504AASE-6E-E
Description  256M bits DDR2 SDRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2504AASE-6E-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDE2504AASE-6E-E Datasheet HTML 2Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 3Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 4Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 5Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 6Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 7Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 8Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 9Page - Elpida Memory EDE2504AASE-6E-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
EDE2504AASE, EDE2508AASE, EDE2516AASE
Preliminary Data Sheet E0427E11 (Ver. 1.1)
6
Recommended DC Operating Conditions (SSTL_18)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD
1.7
1.8
1.9
V
4
Supply voltage for output
VDDQ
1.7
1.8
1.9
V
4
Supply voltage for DLL
VDDL
1.7
1.8
1.9
V
4
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
1, 2
Termination voltage
VTT
VREF
− 0.04
VREF
VREF
+ 0.04
V
3
DC input logic high
VIH (DC)
VREF
+ 0.125
VDDQ
+ 0.3V
V
DC input low
VIL (DC)
−0.3
VREF – 0.125
V
AC input logic high
VIH (AC)
VREF
+ 0.250
V
AC input low
VIL (AC)
VREF
− 0.250
V
Notes: 1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically
the value of VREF is expected to be about 0.5
× VDDQ of the transmitting device and VREF are expected
to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed
±2% VREF (DC).
3. VTT of transmitting device must track VREF of receiving device.
4. VDDQ tracks with VDD, VDDL tracks with VDD. AC parameters are measured with VDD, VDDQ and
VDDL tied together.


Similar Part No. - EDE2504AASE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AASE-AE ELPIDA-EDE2508AASE-AE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-AE-E ELPIDA-EDE2508AASE-AE-E Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-BE ELPIDA-EDE2508AASE-BE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-BE-E ELPIDA-EDE2508AASE-BE-E Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
More results

Similar Description - EDE2504AASE-6E-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE2508AASE-DF ELPIDA-EDE2508AASE-DF Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com