Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAL2104-50 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LAL2104-50
Description  Broadband Access Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LAL2104-50 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LAL2104-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.A
DOT PIN1
LinkCom
LALXXXX
X DATE CODE G
S
LAL2104-50
Broadband Access Transformer
Designed to meet UL 60950 and EN 60950 requirements for supplementary insulation
RoHS Compliant
Operating Temperature -40°C to 85°C
Electrical Specifications @25℃
OCL:
PIN 16-9= 400uH ±10% @ 10KHz/0.1V/Ser. (PIN 11-14 Short)
PIN 16-9= 3.0uH Max. @ 100KHz/0.1V (PIN 11-14,1-4,2-3PIN Short)
Leakage
Inductance:
PIN 16-9= 1.5uH Max. @ 100KHz/0.1V (PIN 11-14,6-7,5-8PIN Short)
T.H.D
PIN16-9 - PIN5-8 = -82dB Max. @ 30KHz/3.162V (PIN11-14,PIN6-7 Short)
PIN 1-4 = 0.3 ohm Max. (PIN1-2,PIN3-4 Short)
PIN 5-8 = 4.4 ohm Max. (PIN6-7 Short)
D.C.R
PIN 16-9 = 3.0 ohm Max. (PIN11-14 Short)
Hi-POT :
PRI. – SEC. =1875VAC/60Hz/2Seconds/1mA
PIN16-9 : PIN 1-4 = 4.25±3% :1
(PIN11-14,PIN1-2,PIN 3-4 Short)
Turn Ratio:
PIN16-9 : PIN 5-8 = 1±3% :1
(PIN11-14,PIN6-7 Short)
Dimensions (Units: mm)
Schematic
Mark
1.LAL****----LAL2104
2. X----PRODUCT LINE
3. DATE CODE----YYWW
4. G----RoHS


Similar Part No. - LAL2104-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL2100-50 LINKCOM-LAL2100-50 Datasheet
37Kb / 1P
   Broadband Access Transformer
LAL2108-51 LINKCOM-LAL2108-51 Datasheet
57Kb / 1P
   Broadband Access Transformer
More results

Similar Description - LAL2104-50

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LAL2029-71 LINKCOM-LAL2029-71 Datasheet
40Kb / 1P
   Broadband Access Transformer
LAL0683-75 LINKCOM-LAL0683-75 Datasheet
79Kb / 1P
   Broadband Access Transformer
LAL2043-51 LINKCOM-LAL2043-51 Datasheet
47Kb / 1P
   Broadband Access Transformer
LAL0391-50 LINKCOM-LAL0391-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL2014-50 LINKCOM-LAL2014-50 Datasheet
89Kb / 1P
   Broadband Access Transformer
LAL1223-52 LINKCOM-LAL1223-52 Datasheet
82Kb / 1P
   Broadband Access Transformer
LAL1241-50 LINKCOM-LAL1241-50 Datasheet
85Kb / 1P
   Broadband Access Transformer
LAL1243-50 LINKCOM-LAL1243-50 Datasheet
86Kb / 1P
   Broadband Access Transformer
LAL1142-50 LINKCOM-LAL1142-50 Datasheet
33Kb / 1P
   Broadband Access Transformer
LAL2014-52 LINKCOM-LAL2014-52 Datasheet
40Kb / 1P
   Broadband Access Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com