Electronic Components Datasheet Search |
|
37D-2-12-SLDT Datasheet(PDF) 1 Page - OEN India Limited |
|
37D-2-12-SLDT Datasheet(HTML) 1 Page - OEN India Limited |
1 / 2 page O/E/N 37-T ICE CUBE STYLE INDUSTRIAL RELAY Mechanical Flag Indication Lockable Test Button LED & Free Wheeling Diode across coil Compact High Performance Din Rail Mounting Sockets available Contact Arrangement : 2 Form C, 4 Form C Contact Material : Silver Alloy Rated Voltage : 230 VAC/24 VDC Contact Rating 2 Form C : 10A@230VAC/24VDC 4 Form C : 5A@230VAC/24VDC Max. Switching Voltage : 230 VAC / 24 VDC Contact Resistance Initial : 50m Ohms Nominal Coil Power : 0.9 W (approx) Life Expectancy Mechanical : 10 7 operations 12 9.6 160 Electrical : 10 5 operations 24 19.2 650 Dielectric Strength * 220 176 42000 Between coil and contacts : 1800VAC Between Open contacts : 1000VAC 110 90 3750 Insulation Resistance at : 100Meg.Ohms 240 190 18790 @ 500 VDC,25 0C, RH 50 * Special coils available on req. Operate time at nom. Volt : 20 milli sec Release time at nom. Volt : 20 milli sec Ambient Temperature : -40 oC to + 85o C Weight : 35 g 2 Form C 37-9900-200 4 Form C 37-9700-100 HOW TO ORDER O/E/N India Ltd P.B. No. 1952, Vyttila, Cochin - 682 019. Kerala, India. Ph: 0091(0)484 2301132, 2303709 Fax: 0091(0)484-2302287, 2302211.www.oenindia.com. E-Mail: sales@oenindia.com Typical Applications SPECIFICATIONS COIL DATA WIRING LAYOUT DC Coils 4 Form C 2 Form C All dimensions are in mm. Specifications subject to change without notice. DIMENSIONS Industrial Controls, Office Automation, PLCs, Timers SOCKET ORDERING CODE AC Coils |
Similar Part No. - 37D-2-12-SLDT |
|
Similar Description - 37D-2-12-SLDT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |