Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDE2508AASE-DF-E Datasheet(PDF) 9 Page - Elpida Memory

Part # EDE2508AASE-DF-E
Description  256M bits DDR2 SDRAM for HYPER DIMM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDE2508AASE-DF-E Datasheet(HTML) 9 Page - Elpida Memory

Back Button EDE2508AASE-DF-E Datasheet HTML 5Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 6Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 7Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 8Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 9Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 10Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 11Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 12Page - Elpida Memory EDE2508AASE-DF-E Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
EDE2508AASE/16AASE-DF, -BE, -AE
Preliminary Data Sheet E0515E12 (Ver. 1.2)
9
DC Characteristics 2 (TC = 0 to +85
°C, VDD, VDDQ = 1.85V ± 0.05V)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
TBD
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
TBD
µA
VDDQ
≥ VOUT ≥ VSS
Minimum required output pull-up under AC
test load
VOH
VTT + 0.603
V
5
Maximum required output pull-down under
AC test load
VOL
VTT
− 0.603
V
5
Output timing measurement reference level VOTR
0.5
× VDDQ
V
1
Output minimum sink DC current
IOL
+13.4
mA
3, 4, 5
Output minimum source DC current
IOH
−13.4
mA
2, 4, 5
Notes: 1. The VDDQ of the device under test is referenced.
2. VDDQ = 1.7V; VOUT = 1.42V.
3. VDDQ = 1.7V; VOUT = 0.28V.
4. The DC value of VREF applied to the receiving device is expected to be set to VTT.
5. After OCD calibration to 18
Ω at TC = 25°C, VDD = VDDQ = 1.8V.
DC Characteristics 3 (TC = 0 to
+85°C, VDD, VDDQ = 1.85V ± 0.05V)
Parameter
Symbol
min.
max.
Unit
Note
AC differential input voltage
VID (AC)
0.5
VDDQ
+ 0.6
V
1, 2
AC differential cross point voltage
VIX (AC)
0.5
× VDDQ − 0.175
0.5
× VDDQ + 0.175
V
2
AC differential cross point voltage
VOX (AC)
0.5
× VDDQ − 0.125
0.5
× VDDQ + 0.125
V
3
Notes: 1. VID(AC) specifies the input differential voltage |VTR
− VCP| required for switching, where VTR is the true
input signal (such as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as
/CK, /DQS, /LDQS or /UDQS). The minimum value is equal to VIH(AC)
− VIL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and VIX(AC)
is expected to track variations in VDDQ . VIX(AC) indicates the voltage at which differential input signals
must cross.
3. The typical value of VOX(AC) is expected to be about 0.5
× VDDQ of the transmitting device and
VOX(AC) is expected to track variations in VDDQ . VOX(AC) indicates the voltage at which differential
output signals must cross.
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
VDDQ
Differential Signal Levels*
1, 2


Similar Part No. - EDE2508AASE-DF-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508AASE-4A-E ELPIDA-EDE2508AASE-4A-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-4C-E ELPIDA-EDE2508AASE-4C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-5C-E ELPIDA-EDE2508AASE-5C-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508AASE-6E-E ELPIDA-EDE2508AASE-6E-E Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
More results

Similar Description - EDE2508AASE-DF-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2508ABSE-GE ELPIDA-EDE2508ABSE-GE Datasheet
707Kb / 66P
   256M bits DDR2 SDRAM for HYPER DIMM
EDE5108ABSE-BE ELPIDA-EDE5108ABSE-BE Datasheet
700Kb / 65P
   512M bits DDR2 SDRAM for HYPER DIMM
EDE2508AEBG ELPIDA-EDE2508AEBG Datasheet
625Kb / 77P
   256M bits DDR2 SDRAM
EDE2504AASE ELPIDA-EDE2504AASE Datasheet
706Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ABSE ELPIDA-EDE2508ABSE Datasheet
708Kb / 66P
   256M bits DDR2 SDRAM
EDE2508ACSE ELPIDA-EDE2508ACSE Datasheet
881Kb / 81P
   256M bits DDR2 SDRAM
EBE11UD8ABFV ELPIDA-EBE11UD8ABFV Datasheet
203Kb / 22P
   1GB Unbuffered DDR2 SDRAM DIMM HYPER DIMM?
EBE25UC8AAFV ELPIDA-EBE25UC8AAFV Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE52UC8AAFV ELPIDA-EBE52UC8AAFV Datasheet
205Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
EBE51UD8ABFV ELPIDA-EBE51UD8ABFV Datasheet
236Kb / 22P
   512MB Unbuffered DDR2 SDRAM HYPER DIMM?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com