Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8332 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT8332
Description  Three Channel Integrated Power Management IC for Handheld Portable Equipment
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8332 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT8332_08 Datasheet HTML 2Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 3Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 4Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 5Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 6Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 7Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 8Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 9Page - Active-Semi, Inc ACT8332_08 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ACT8332
Rev0, 14-Mar-08
STEP-DOWN DC/DC CONVERTER
Innovative Power
TM
- 6 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
ELECTRICAL CHARACTERISTICS (REG1)
(VVP1 = 3.6V, TA = 25°C, unless otherwise specified.)
: VNOM1 refers to the nominal output voltage level for VOUT1 as defined by the Ordering Information section.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VP1 Operating Voltage Range
3.1
5.5
V
VP1 UVLO Threshold
Input Voltage Rising
2.9
3
3.1
V
VP1 UVLO Hysteresis
Input Voltage Falling
90
mV
Standby Supply Current
130
200
µA
Shutdown Supply Current
ON1 = GA, VVP1 = 4.2V
0.1
1
µA
Adjustable Output Option Regulation
Voltage
0.625
V
Output Voltage Regulation Accuracy
VNOM1 < 1.3V, IOUT1 = 10mA
-2.4%
VNOM1
+1.8%
V
VNOM1 ≥ 1.3V, IOUT1 = 10mA
-1.2%
VNOM1
+1.8%
Line Regulation
VVP1 = Max(VNOM1 + 1V, 3.2V) to 5.5V
0.15
%/V
Load Regulation
IOUT1 = 10mA to 350mA
0.0017
%/mA
Current Limit
0.45
0.6
A
Oscillator Frequency
VOUT1 ≥ 20% of VNOM1
1.35
1.6
1.85
MHz
VOUT1 = 0V
530
kHz
ON1 Logic High Input Voltage
VINL = 3.1V to 5.5V, VVP1 = 3.1V to 5.5V,
TA = -40°C to 85°C
1.4
V
ON1 Logic Low Input Voltage
VINL = 3.1V to 5.5V, VVP1 = 3.1V to 5.5V,
TA = -40°C to 85°C
0.4
V
PMOS On-Resistance
ISW1 = -100mA
0.52
0.88
NMOS On-Resistance
ISW1 = 100mA
0.27
0.46
SW1 Leakage Current
VVP1 = 5.5V, VSW1 = 5.5V or 0V
1
µA
Power Good Threshold
94
%VNOM1
Minimum On-Time
70
ns
Thermal Shutdown Temperature
Temperature Rising
160
°C
Thermal Shutdown Hysteresis
Temperature Falling
20
°C


Similar Part No. - ACT8332_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8332NDAQB-T ACTIVE-SEMI-ACT8332NDAQB-T Datasheet
296Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8332NDAQB-T ACTIVE-SEMI-ACT8332NDAQB-T Datasheet
666Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
More results

Similar Description - ACT8332_08

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8332 ACTIVE-SEMI-ACT8332_10 Datasheet
296Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 24-May-10
ACT8342 ACTIVE-SEMI-ACT8342 Datasheet
114Kb / 2P
   Three-Channel Integrated Power Management IC for Handheld Portable Equipment
29-Feb-08
ACT8332 ACTIVE-SEMI-ACT8332 Datasheet
82Kb / 2P
   Three-Channel Integrated Power Management IC for Handheld Portable Equipment
18-Dec-07
ACT8828 ACTIVE-SEMI-ACT8828_10 Datasheet
666Kb / 13P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 6, 09-Jun-10
ACT8342 ACTIVE-SEMI-ACT8342_09 Datasheet
598Kb / 17P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev 3, 11-Sep-09
ACT8342 ACTIVE-SEMI-ACT8342_08 Datasheet
455Kb / 17P
   Three Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 26-May-08
logo
Shenzhen Huazhimei Semi...
HM8332 HMSEMI-HM8332 Datasheet
209Kb / 8P
   Three Channels Integrated Power Management IC for Handheld Portable Equipment
logo
Active-Semi, Inc
ACT8352 ACTIVE-SEMI-ACT8352 Datasheet
166Kb / 2P
   Four-Channel Integrated Power Management IC for Handheld Portable Equipment
05-May-09
ACT8712 ACTIVE-SEMI-ACT8712_08 Datasheet
655Kb / 36P
   Four Channel Integrated Power Management IC for Handheld Portable Equipment
Rev0, 25-Feb-08
ACT8796 ACTIVE-SEMI-ACT8796_08 Datasheet
657Kb / 34P
   Six Channel Integrated Power Management IC for Handheld Portable Equipment
Rev1, 10-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com