Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2516AKTA-LI Datasheet(PDF) 4 Page - Elpida Memory

Part # EDD2516AKTA-LI
Description  256M bits DDR SDRAM WTR (Wide Temperature Range)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-LI Datasheet(HTML) 4 Page - Elpida Memory

  EDD2516AKTA-LI Datasheet HTML 1Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 2Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 3Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 4Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 5Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 6Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 7Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-LI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
EDD2516AKTA-TI, EDD2516AKTA-LI
Preliminary Data Sheet E0435E20 (Ver. 2.0)
4
Electrical Specifications
• All voltages are referenced to VSS (GND).
• After power up, wait more than 200 µs and then, execute power on sequence and CBR (Auto) refresh before
proper device operation is achieved.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +3.6
V
Supply voltage relative to VSS
VDD
–1.0 to +3.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TA
−40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions (TA =
−40 to +85°C)
Parameter
Symbol
min.
typ.
max.
Unit
Notes
Supply voltage
VDD,
VDDQ
2.3
2.5
2.7
V
1
VSS,
VSSQ
0
0
0
V
Input reference voltage
VREF
0.49
× VDDQ
0.50
× VDDQ 0.51 × VDDQ
V
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
Input high voltage
VIH (DC)
VREF + 0.15
VDDQ + 0.3
V
2
Input low voltage
VIL (DC)
–0.3
VREF – 0.15
V
3
Input voltage level,
CK and /CK inputs
VIN (DC)
–0.3
VDDQ + 0.3
V
4
Input differential cross point
voltage, CK and /CK inputs
VIX (DC)
0.5
× VDDQ − 0.2V 0.5 × VDDQ
0.5
× VDDQ + 0.2V V
Input differential voltage,
CK and /CK inputs
VID (DC)
0.36
VDDQ + 0.6
V
5, 6
Notes: 1. VDDQ must be lower than or equal to VDD.
2. VIH is allowed to exceed VDD up to 3.6V for the period shorter than or equal to 5ns.
3. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
4. VIN (DC) specifies the allowable DC execution of each differential input.
5. VID (DC) specifies the input differential voltage required for switching.
6. VIH (CK) min assumed over VREF + 0.18V, VIL (CK) max assumed under VREF – 0.18V if measurement.


Similar Part No. - EDD2516AKTA-LI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5-E ELPIDA-EDD2516AKTA-5-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-5C ELPIDA-EDD2516AKTA-5C Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516AKTA-5C-E ELPIDA-EDD2516AKTA-5C-E Datasheet
558Kb / 48P
   256M bits DDR SDRAM (16M words x16 bits, DDR400)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDD2516AKTA-LI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com