Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2516AKTA-6BTI Datasheet(PDF) 1 Page - Elpida Memory

Part # EDD2516AKTA-6BTI
Description  256M bits DDR SDRAM WTR (Wide Temperature Range)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516AKTA-6BTI Datasheet(HTML) 1 Page - Elpida Memory

  EDD2516AKTA-6BTI Datasheet HTML 1Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 2Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 3Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 4Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 5Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 6Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 7Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 8Page - Elpida Memory EDD2516AKTA-6BTI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Document No. E0435E20 (Ver. 2.0)
Date Published February 2004 (K) Japan
URL: http://www.elpida.com
©Elpida Memory, Inc. 2003-2004
PRELIMINARY DATA SHEET
256M bits DDR SDRAM
WTR (Wide Temperature Range)
EDD2516AKTA-TI (16M words
× 16 bits)
EDD2516AKTA-LI (16M words
× 16 bits)
Description
The EDD2516AK is a 256M bits Double Data Rate
(DDR) SDRAM organized as 4,194,304 words
× 16 bits
× 4 banks. Read and write operations are performed at
the cross points of the CK and the /CK. This high-
speed data transfer is realized by the 2 bits prefetch-
pipelined architecture.
Data strobe (DQS) both for
read and write are available for high speed and reliable
data bus design. By setting extended mode register,
the on-chip Delay Locked Loop (DLL) can be set
enable or disable. It is packaged in standard 66-pin
plastic TSOP (II).
Features
• Power supply : VDD, VDDQ = 2.5V ± 0.2V
• Data rate: 333Mbps (max.)
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional data strobe (DQS) transmitted /received
with data, for capturing data at the receiver
• Data inputs, outputs, and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
• Commands entered on each positive CK edge; data
and data mask referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• SSTL_2 compatible I/O
• Programmable burst length (BL): 2, 4, 8
• Programmable /CAS latency (CL): 2, 2.5
• Programmable output driver strength: normal/weak
• Refresh cycles: 8192 refresh cycles/64ms
⎯ 7.8μs maximum average periodic refresh interval
• 2 variations of refresh
⎯ Auto refresh
⎯ Self refresh
• Ambient temperature range: −40 to +85°C
Pin Configurations
/xxx indicates active low signal.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
(Top view)
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
DQ7
NC
VDDQ
LDQS
NC
VDD
NC
LDM
/WE
/CAS
/RAS
/CS
NC
BA0
BA1
A10(AP)
A0
A1
A2
A3
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
DQ8
NC
VSSQ
UDQS
NC
VREF
VSS
UDM
/CK
CK
CKE
NC
A12
A11
A9
A8
A7
A6
A5
A4
VSS
Address input
Bank select address
Data-input/output
Input and output data strobe
Chip select
Row address strobe command
Column address strobe command
Write enable
Input mask
Clock input
Differential clock input
Clock enable
Input reference voltage
Power for internal circuit
Ground for internal circuit
Power for DQ circuit
Ground for DQ circuit
No connection
A0 to A12
BA0, BA1
DQ0 to DQ15
UDQS/LDQS
/CS
/RAS
/CAS
/WE
UDM/LDM
CK
/CK
CKE
VREF
VDD
VSS
VDDQ
VSSQ
NC
66-pin Plastic TSOP(II)
This product became EOL in April, 2007.


Similar Part No. - EDD2516AKTA-6BTI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA-6B ELPIDA-EDD2516AKTA-6B Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2516AKTA-6B-E ELPIDA-EDD2516AKTA-6B-E Datasheet
564Kb / 49P
   256M bits DDR SDRAM (16M words x 16 bits)
More results

Similar Description - EDD2516AKTA-6BTI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD5116AFTA-TI ELPIDA-EDD5116AFTA-TI Datasheet
498Kb / 52P
   512M bits DDR SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com