Electronic Components Datasheet Search |
|
FK10UM-12 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
FK10UM-12 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 5 page Feb.1999 V V µA mA V Ω V S pF pF pF ns ns ns ns V °C/W ns 600 ±30 — — 2 — — 4.5 — — — — — — — — — — — — — — 3 0.90 4.50 7.0 1500 170 25 25 35 130 45 1.5 — — — — ±10 1 4 1.18 5.90 — — — — — — — — 2.0 0.83 150 V (BR) DSS V (BR) GSS IGSS IDSS VGS (th) rDS (ON) VDS (ON) yfs Ciss Coss Crss td (on) tr td (off) tf VSD Rth (ch-c) trr ID = 1mA, VGS = 0V IG = ±100µA, VDS = 0V VGS = ±25V, VDS = 0V VDS = 600V, VGS = 0V ID = 1mA, VDS = 10V ID = 5A, VGS = 10V ID = 5A, VGS = 10V ID = 5A, VDS = 10V VDS = 25V, VGS = 0V, f = 1MHz VDD = 200V, ID = 5A, VGS = 10V, RGEN = RGS = 50 Ω IS = 5A, VGS = 0V Channel to case IS = 10A, dis/dt = –100A/ µs MITSUBISHI Nch POWER MOSFET FK10UM-12 HIGH-SPEED SWITCHING USE 200 160 120 80 40 0 200 150 100 50 0 5 3 2 101 7 5 3 2 100 7 5 7 5 3 2 10–1 23 5 7 101 100 23 5 7 102 23 5 7 103 TC = 25°C Single Pulse tw=10µs 100µs 1ms 10ms DC POWER DISSIPATION DERATING CURVE CASE TEMPERATURE TC (°C) MAXIMUM SAFE OPERATING AREA DRAIN-SOURCE VOLTAGE VDS (V) ELECTRICAL CHARACTERISTICS (Tch = 25 °C) Drain-source breakdown voltage Gate-source breakdown voltage Gate-source leakage current Drain-source leakage current Gate-source threshold voltage Drain-source on-state resistance Drain-source on-state voltage Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Source-drain voltage Thermal resistance Reverse recovery time Symbol Unit Parameter Test conditions Limits Min. Typ. Max. PERFORMANCE CURVES |
Similar Part No. - FK10UM-12 |
|
Similar Description - FK10UM-12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |