Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBE25RC8AAFA-4C-E Datasheet(PDF) 7 Page - Elpida Memory

Part # EBE25RC8AAFA-4C-E
Description  256MB Registered DDR2 SDRAM DIMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBE25RC8AAFA-4C-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBE25RC8AAFA-4C-E Datasheet HTML 3Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 4Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 5Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 6Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 7Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 8Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 9Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 10Page - Elpida Memory EBE25RC8AAFA-4C-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
EBE25RC8AAFA
Preliminary Data Sheet E0470E11 (Ver. 1.1)
7
Byte No.
Function described
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Hex value
Comments
62
SPD Revision
0
0
0
1
0
0
0
0
10H
Rev. 1.0
63
Checksum for bytes 0 to 62
-5C
1
0
1
0
0
0
1
0
A2H
-4A
0
0
1
0
0
1
1
0
26H
-4C
1
0
1
0
0
0
0
1
A1H
64 to 65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation
code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
1
45H
E
76
Module part number
0
0
1
1
0
0
1
0
32H
2
77
Module part number
0
0
1
1
0
1
0
1
35H
5
78
Module part number
0
1
0
1
0
0
1
0
52H
R
79
Module part number
0
1
0
0
0
0
1
1
43H
C
80
Module part number
0
0
1
1
1
0
0
0
38H
8
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
0
0
0
1
41H
A
83
Module part number
0
1
0
0
0
1
1
0
46H
F
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-5C
0
0
1
1
0
1
0
1
35H
5
-4A, -4C
0
0
1
1
0
1
0
0
34H
4
87
Module part number
-4A
0
1
0
0
0
0
0
1
41H
A
-5C, -4C
0
1
0
0
0
0
1
1
43H
C
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(BCD)
95 to 98
Module serial number
99 to 127
Manufacture specific data
Note: 1. These specifications are defined based on component specification, not module.


Similar Part No. - EBE25RC8AAFA-4C-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-4A-E ELPIDA-EBE25EC8AAFA-4A-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-4C-E ELPIDA-EBE25EC8AAFA-4C-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25EC8AAFA-5C-E ELPIDA-EBE25EC8AAFA-5C-E Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
More results

Similar Description - EBE25RC8AAFA-4C-E

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R72L HYNIX-HYMP512R72L Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UD6ABSA ELPIDA-EBE25UD6ABSA Datasheet
245Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
EBE26UC6AASA ELPIDA-EBE26UC6AASA Datasheet
257Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBD25RB4ALFB ELPIDA-EBD25RB4ALFB Datasheet
164Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBD25RB4ALFA ELPIDA-EBD25RB4ALFA Datasheet
136Kb / 17P
   256MB Registered DDR SDRAM DIMM
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com