Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1S30 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 1S30
Description  1.0Amp Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1S30 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  1S30 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1S30 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1S30 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Average Forward Rectified Current Per Leg - Amperes versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
0
150
25
50
75
100
0
7
14
21
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
125
28
35
42
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics @ TJ = 25°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
25
°C
Volts
1S20-1S40
1S50-1SA0
Instantaneous Forward Current - Amperes versus
Instantaneous Forward Voltage - Volts
Figure 2
Typical Forward Characteristics @ TJ = 125°C
10
Amps
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
125
°C
Volts
1S20 -1S40
1S50 -1SA0
1S20 thru 1SA0
www.cnelectr .com


Similar Part No. - 1S30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1S30 RECTRON-1S30 Datasheet
27Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
1S30 EIC-1S30 Datasheet
90Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
SAMYANG ELECTRONICS CO....
1S30 SAMYANG-1S30 Datasheet
896Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
1S30 FORMOSA-1S30 Datasheet
33Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
1S30 GWSEMI-1S30 Datasheet
64Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - 1S30

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
SB120 TAK_CHEONG-SB120 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
1N5817 TAK_CHEONG-1N5817 Datasheet
120Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_11 Datasheet
207Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SSL12 TSC-SSL12_11 Datasheet
201Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SK12B TSC-SK12B_13 Datasheet
260Kb / 4P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS12 TSC-SS12_11 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
SS13M TSC-SS13M Datasheet
176Kb / 3P
   1.0Amp Surface Mount Schottky Barrier Rectifier
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com