Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60S1 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # 60S1
Description  6 Amp Axial-Lead Glass Passivated Rectifier 50-1000Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

60S1 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  60S1 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 60S1 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
60S05 thru 60S10
200
100
Amps
.4
.6
0.8
1.0
1.2
1.4
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
°C
40
60
100
140
TJ=100
°C
1
100
4
0
50
5
100
150
8
Figure 3
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
200
250
300
www.cnelectr.com
Average Forward Rectified Current - Amperes versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6


Similar Part No. - 60S1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
60S1 MCC-60S1 Datasheet
84Kb / 2P
   Rectifier 50 - 1000 Volts 6 Amp Axial-Lead Glass Passivated
logo
Microsemi Corporation
60S1 MICROSEMI-60S1 Datasheet
100Kb / 2P
   6 AMP AXIAL-LEAD SILICON RECTIFIER DIODES
logo
Micro Commercial Compon...
60S1 MCC-60S1 Datasheet
451Kb / 3P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
60S1 NJSEMI-60S1 Datasheet
159Kb / 1P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
60S1 MCC-60S1 Datasheet
470Kb / 3P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
More results

Similar Description - 60S1

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
6A05 CHENYI-6A05 Datasheet
52Kb / 3P
   6 Amp Rectifier 50-1000Volts
logo
Micro Commercial Compon...
60S05 MCC-60S05_11 Datasheet
451Kb / 3P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
New Jersey Semi-Conduct...
60S05 NJSEMI-60S05 Datasheet
159Kb / 1P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
60S05 NJSEMI-60S05_13 Datasheet
159Kb / 1P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
60S05 MCC-60S05 Datasheet
84Kb / 2P
   Rectifier 50 - 1000 Volts 6 Amp Axial-Lead Glass Passivated
60S05 MCC-60S05_13 Datasheet
470Kb / 3P
   6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
logo
Central Semiconductor C...
CR3-010GPP CENTRAL-CR3-010GPP Datasheet
81Kb / 2P
   GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3.0 AMP 50 THRU 1000VOLTS
logo
WILLAS ELECTRONIC CORP
FM301 WILLAS-FM301 Datasheet
307Kb / 2P
   3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
FM301B WILLAS-FM301B Datasheet
319Kb / 2P
   3.0 Amp Glass Passivated Super Fast Rectifiers - 50~1000Volts
logo
Micro Commercial Compon...
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com