Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARL253 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # ARL253
Description  BUTTON DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ARL253 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  ARL253 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ARL253 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: transfer molded plastic
Technology: button with vcauum soldered
Epoxy: UL94V-0 rate flame retardant
Polarity: color ring denotes cathode
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weigth: ARL 2.70 grams, ARSL 2.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
ARL251
ARSL251
ARL252
ARSL252
ARL253
ARSL253
ARL254
ARSL254
ARL256
ARSL256
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
300
400
600
Volts
Maximum RM S voltage
VRMS
70
140
210
280
420
Volts
Maximum DC blocking voltage
VDC
100
200
300
400
600
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
400
Amps
Rating for fusing(t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous forward voltage
drop at 100A
VF
1.1
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
450
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
ARL251/ARSL251
THRU
ARL256/ARSL256
BUTTON DIODES
VOLTAGE RANGE
100 TO 600 VOLTS
CURRENT 25AMPS
Dimensions in inches and millimeters
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.410(10.4)
.380( 9.7)
DIA
DIA
.185(4.7)
.165(4.2)
.225(5.7)
.215(5.5)
.250(6.4)
.235(6.0)
.346(8.8)
.327(8.2)
DI
DIA
AR
ARSL
Max28.0mm
Min25.4mm
Max28.0mm
Min25.4mm
.051(1.3)
.047(1.2)
DIA
.051(1.3)
.047(1.2)
DIA


Similar Part No. - ARL253

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
ARL2501 CHENYI-ARL2501 Datasheet
150Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
Nanjing International G...
ARL2501 DGNJDZ-ARL2501 Datasheet
201Kb / 2P
   HIGH VOLTAGE BUTTON
logo
ZP Semiconductor
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
ARL2501 ZPSEMI-ARL2501 Datasheet
201Kb / 2P
   VOLTAGE RANGE 100 TO 1200 VOLTS CURRENT 25AMPS
More results

Similar Description - ARL253

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
   BUTTON DIODES
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
   BUTTON DIODES
logo
DIOTEC Electronics Corp...
BAR5000 DEC-BAR5000 Datasheet
243Kb / 1P
   50 AMP BUTTON DIODES
BAR7500S DEC-BAR7500S Datasheet
248Kb / 1P
   75 AMP BUTTON DIODES
logo
Diotec Semiconductor
RA3505 DIOTEC-RA3505 Datasheet
162Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
DIOTEC Electronics Corp...
BUDI-3500S-1A DEC-BUDI-3500S-1A Datasheet
64Kb / 1P
   35 AMP BUTTON DIODES
BUDI-7500S-1A DEC-BUDI-7500S-1A Datasheet
65Kb / 1P
   75 AMP BUTTON DIODES
BAR5000S DEC-BAR5000S Datasheet
246Kb / 1P
   50 AMP BUTTON DIODES
BAR6000S DEC-BAR6000S Datasheet
233Kb / 1P
   60 AMP BUTTON DIODES
BAR7500 DEC-BAR7500 Datasheet
247Kb / 1P
   75 AMP BUTTON DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com