Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARSL2508F Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # ARSL2508F
Description  HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

ARSL2508F Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  ARSL2508F Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech ARSL2508F Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: transfer molded plastic
Technology: button with vcauum soldered
Epoxy: UL94V-0 rate flame retardant
Polarity: color ring denotes cathode
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weigth: ARL-F 2.70 grams, ARSL-F 2.60 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
ARL2501F
ARSL2501F
ARL2502F
ARSL250F2
ARL2504F
ARSL2504F
ARL2506F
ARSL2506F
ARL2508F
ARSL2508F
ARL2510F
ARSL2510F
ARL2512F
ARSL2512F
Units
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
1200
Volts
Maximum RM S voltage
VRMS
70
140
280
420
560
700
840
Volts
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
1200
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
25
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
300
Amps
Rating for fusing(t<8.3ms)
I
2t
374
A
2S
Maximum instantaneous forward voltage
drop at 35A
VF
1.0
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
500
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
ARL2501F/ARSL2501F
THRU
ARL2512F/ARSL2512F
HIGH VOLTAGE BUTTON
DIODES FOR AUTOMOTIVE
VOLTAGE RANGE
100 TO 1200 VOLTS
CURRENT 25AMPS
Dimensions in millimeters


Similar Part No. - ARSL2508F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
ARSL2501 CHENYI-ARSL2501 Datasheet
150Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
MIC GROUP RECTIFIERS
ARSL2505 MIC-ARSL2505 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - ARSL2508F

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
ARL2510 ZPSEMI-ARL2510 Datasheet
201Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL3502 ZPSEMI-ARL3502 Datasheet
127Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL3504 ZPSEMI-ARL3504 Datasheet
127Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL3506 ZPSEMI-ARL3506 Datasheet
127Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL3512 ZPSEMI-ARL3512 Datasheet
127Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
Nanjing International G...
ARL3501 DGNJDZ-ARL3501 Datasheet
127Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
Shanghai Lunsure Electr...
AR2501 CHENYI-AR2501 Datasheet
148Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL2501 CHENYI-ARL2501 Datasheet
150Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
logo
ZP Semiconductor
ARL2508 ZPSEMI-ARL2508 Datasheet
201Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
ARL2512 ZPSEMI-ARL2512 Datasheet
201Kb / 2P
   HIGH VOLTAGE BUTTON DIODES FOR AUTOMOTIVE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com