Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB155 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # DB155
Description  1.5 Amp single phase bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DB155 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  DB155 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DB155 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB151
THRU
DB157
1.5 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
Features
4-pin DIP
Package
Low Profile Package
Moisture Resistant Epoxy Case
High Surge Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB151
DB151
50V
35V
50V
DB152
DB152
100V
70V
100V
DB153
DB153
200V
140V
200V
DB154
DB154
400V
280V
400V
DB155
DB155
600V
420V
600V
DB156
DB156
800V
560V
800V
DB157
DB157
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.5 A
TA = 40°C
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V
IFM = 1.5A;
TA = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TA = 25°C
TA = 125°C
Typical Junction
Capacitance
CJ
25pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DB-1
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.320
.335
8.13
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.236
.299
6.01
7.60
E
.120
.130
3.05
3.30
G
.195
.205
5.00
5.20
F
.016
.022
0.41
0.56
A
B
C
D
E
F
G
+
-
~
~
Notch
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
www.cnelectr.com
UL Recognized File # E165989


Similar Part No. - DB155

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB155 HY-DB155 Datasheet
352Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
DB155 RECTRON-DB155 Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
DB155 LRC-DB155 Datasheet
197Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
DIYI Electronic Technol...
DB155 DYELEC-DB155 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
DB155 YFWDIODE-DB155 Datasheet
436Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DB155

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBU8A CHENYI-KBU8A Datasheet
318Kb / 2P
   8Amp single phase bridge rectifier 50to1000 volts
RS601 CHENYI-RS601 Datasheet
48Kb / 2P
   6Amp single phase bridge rectifier 50to1000 volts
RS201 CHENYI-RS201 Datasheet
81Kb / 2P
   2Amp single phase bridge rectifier 50to1000 volts
RS1001 CHENYI-RS1001 Datasheet
45Kb / 2P
   10Amp single phase bridge rectifier 50to1000 volts
DB101 CHENYI-DB101 Datasheet
50Kb / 2P
   1 Amp single phase glass passivated bridge rectifier 50to1000 volts
RS401L CHENYI-RS401L Datasheet
57Kb / 2P
   4Amp single phase bridge rectifier 50to1000 volts
logo
Micro Commercial Compon...
RB151 MCC-RB151_08 Datasheet
108Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M MCC-W005M_13 Datasheet
342Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB151L MCC-SDB151L Datasheet
102Kb / 2P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RB151 MCC-RB151_13 Datasheet
279Kb / 3P
   1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com