Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDD2516KCTA-SI Datasheet(PDF) 2 Page - Elpida Memory

Part # EDD2516KCTA-SI
Description  256M bits DDR SDRAM 256M bits DDR SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDD2516KCTA-SI Datasheet(HTML) 2 Page - Elpida Memory

  EDD2516KCTA-SI Datasheet HTML 1Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 2Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 3Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 4Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 5Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 6Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 7Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 8Page - Elpida Memory EDD2516KCTA-SI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
EDD2516KCTA-SI
Preliminary Data Sheet E0555E40 (Ver.4.0)
2
Ordering Information
Part number
Mask
version
Organization
(words
× bits)
Internal
banks
Data rate
Mbps (max.)
JEDEC speed bin
(CL-tRCD-tRP)
Package
EDD2516KCTA-6BSI-E
EDD2516KCTA-7ASI-E
EDD2516KCTA-7BSI-E
C
16M
× 16
4
333
266
266
DDR333B (2.5-3-3)
DDR266A (2-3-3)
DDR266B (2.5-3-3)
66-pin Plastic
TSOP (II)
Part Number
Elpida Memory
Density / Bank
25: 256M / 4-bank
Bit Organization
16: x16
Voltage, Interface
K: 2.5V, SSTL_2, Super self-refresh with SSR flag
Die Rev.
Package
TA: TSOP (II)
Speed
6B: DDR333B (2.5-3-3)
7A: DDR266A (2-3-3)
7B: DDR266B (2.5-3-3)
Spec. Detail
SI: WTR (
−40°C to 85°C)
Product Code
D: DDR SDRAM
Type
D: Monolithic Device
E D D 25 16 K C TA - 6B SI - E
Environment Code
E: Lead Free


Similar Part No. - EDD2516KCTA-SI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516KCTA-6BS-E ELPIDA-EDD2516KCTA-6BS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
EDD2516KCTA-7AS-E ELPIDA-EDD2516KCTA-7AS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
EDD2516KCTA-7BS-E ELPIDA-EDD2516KCTA-7BS-E Datasheet
578Kb / 52P
   256M bits DDR SDRAM with Super Self-Refresh
More results

Similar Description - EDD2516KCTA-SI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD2516AKTA ELPIDA-EDD2516AKTA Datasheet
509Kb / 49P
   256M bits DDR SDRAM
EDD2508ARTA-5B ELPIDA-EDD2508ARTA-5B Datasheet
380Kb / 33P
   256M bits DDR SDRAM
EDD2508AMTA-5 ELPIDA-EDD2508AMTA-5 Datasheet
380Kb / 34P
   256M bits DDR SDRAM
EDD2508AMTA-5B-E ELPIDA-EDD2508AMTA-5B-E Datasheet
377Kb / 33P
   256M bits DDR SDRAM
EDD2516AKTA-5 ELPIDA-EDD2516AKTA-5 Datasheet
503Kb / 48P
   256M bits DDR SDRAM
EDD2516ARTA-6B ELPIDA-EDD2516ARTA-6B Datasheet
388Kb / 33P
   256M bits DDR SDRAM
EDD2508AKTA ELPIDA-EDD2508AKTA Datasheet
494Kb / 50P
   256M bits DDR SDRAM
EDD2516AMTA-6B-E ELPIDA-EDD2516AMTA-6B-E Datasheet
378Kb / 33P
   256M bits DDR SDRAM
EDD2504AJTA ELPIDA-EDD2504AJTA Datasheet
497Kb / 50P
   256M bits DDR SDRAM
EDD2508AMTA ELPIDA-EDD2508AMTA Datasheet
382Kb / 34P
   256M bits DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com