Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBR12EC8ABSA Datasheet(PDF) 3 Page - Elpida Memory

Part # EBR12EC8ABSA
Description  128MB Direct Rambus DRAM SO-RIMM??Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBR12EC8ABSA Datasheet(HTML) 3 Page - Elpida Memory

  EBR12EC8ABSA Datasheet HTML 1Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 2Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 3Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 4Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 5Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 6Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 7Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 8Page - Elpida Memory EBR12EC8ABSA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EBR12EC8ABSA
Preliminary Data Sheet E0321E11 (Ver. 1.1)
3
Pad
Signal Name
Pad
Signal Name
Pad
Signal Name
Pad
Signal Name
A37
GND
B37
GND
A77
RDQA5
B77
RDQA6
A38
NC
B38
NC
A78
GND
B78
GND
A39
VCMOS
B39
VCMOS
A79
RDQA7
B79
RDQA8
A40
NC
B40
NC
A80
GND
B80
GND
Module Connector Pad Description
Signal
Module
Connector Pads
I/O
Type
Description
GND
A1, A3, A5, A7, A9, A11,
A13, A15, A17, A19,
A21, A23, A25, A27,
A29,A31, A33, A37, A48,
A50, A52, A54,A56, A58,
A60, A62, A64, A66,
A68,A70, A72, A74, A76,
A78, A80, B1,B3, B5,
B7, B9, B11, B13, B15,
B17,B19, B21, B23, B25,
B27, B29, B31,B33, B37,
B48, B50, B52, B54,
B56, B58, B60, B62,
B64, B66, B68, B70,
B72, B74, B76, B78, B80
Ground reference for RDRAM core and interface.
LCFM
B10
I
RSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Positive polarity.
LCFMN
B12
I
RSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Negative polarity.
LCMD
B32
I
VCMOS
Serial Command used to read from and write to the control
registers. Also used for power management.
LCOL4..LCOL0
A18, B18, A20, B20, A22 I
RSL
Column bus. 5-bit bus containing control and address
information for column accesses.
LCTM
A12
I
RSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Positive polarity.
LCTMN
A14
I
RSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Negative polarity.
LDQA8..LDQA0
A2, B2, A4, B4, A6, B6,
A8, B8, A10
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data
between the Channel and the RDRAM..
LDQB8..LDQB0
B30, B28, A30, B26,
A28, B24, A26, B22, A24
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data
between the Channel and the RDRAM.
LROW2..LROW0
B14, A16, B16
I
RSL
Row bus. 3-bit bus containing control and address
information for row accesses.
LSCK
A32
I
VCMOS
Serial clock input. Clock source used to read from and write
to the RDRAM control registers.
NC
A36, B36, A38, B38,
A40, B40, A41, B41
These pads are not connected. These 8 connector pads are
reserved for future use.
RCFM
A71
I
RSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Positive polarity.
RCFMN
A69
I
RSL
Clock from master. Interface clock used for receiving RSL
signals from the Channel. Negative polarity.
RCMD
B49
I
VCMOS
Serial Command Input used to read from and write to the
control registers. Also used for power management.
RCOL4..RCOL0
B63, A63, B61, A61, B59 I
RSL
Column bus. 5-bit bus containing control and address
information for column accesses.
RCTM
B69
I
RSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Positive polarity.
RCTMN
B67
I
RSL
Clock to master. Interface clock used for transmitting RSL
signals to the Channel. Negative polarity.


Similar Part No. - EBR12EC8ABSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-8C ELPIDA-EBR12EC8ABFD-8C Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AD ELPIDA-EBR12EC8ABFD-AD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AE ELPIDA-EBR12EC8ABFD-AE Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD-AEP ELPIDA-EBR12EC8ABFD-AEP Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
More results

Similar Description - EBR12EC8ABSA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R128FKK6K ELPIDA-MC-4R128FKK6K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com