Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ15005 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # GBJ15005
Description  15Amp glass passivated bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

GBJ15005 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  GBJ15005 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech GBJ15005 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ15005
THRU
GBJ1510
15 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
GBJ
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.170
1.190
29.70
30.30
B
.780
.800
19.70
20.30
C
.670
.710
17.00
18.00
D
.019
.019
4.70
4.90
E
.430
.440
10.80
11.20
G
.120
.130
3.10
3.40
www.cnelectr.com
I
.170
.190
4.40
4.80
J
.100
.110
2.50
2.90
K
.020
.030
0.60
0.80
L
.080
.090
2.00
2.40
M
.040
.040
0.90
1.10
O
.290
.300
7.30
7.70
N
.390
.400
9.80
10.20
H
.130
.150
3.40
3.80
F
.090
.110
2.30
2.70
+
A
B
D
E
F
G
H
I
J
K
L
M
O
N
C
O
P
P
.150
.170
3.80
4.20
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
Typical Thermal Resistance 0.8
°C/W J to C (With heatsink)
Typical Thermal Resistance 3.5
°C/W J to L (Without heatsink)
Typical Thermal Resistance
12°C/W J to A (Without heatsink)
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJ15005
GBJ1005
50V
35V
50V
GBJ1501
GBJ1501
100V
70V
100V
GBJ1502
GBJ1502
200V
140V
200V
GBJ1504
GBJ1504
400V
280V
400V
GBJ1506
GBJ1506
600V
420V
600V
GBJ1508
GBJ1508
800V
560V
800V
GBJ1510
GBJ1510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
15 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
240A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60 pF
Measured at
1.0MHz, VR=4.0V
NOTES : 1. Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
IFM = 7.5A
I t Rating for fusing
2
I t
2
240A S
2
(t<8.3ms)
2. Device mounted on 300mm * 300mm *1.6mm Cu Plate Heatsink


Similar Part No. - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Microdiode Electronics ...
GBJ15005 CHENDA-GBJ15005 Datasheet
961Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
108Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
GBJ15005 SMC-GBJ15005 Datasheet
290Kb / 4P
   Glass passivated die construction
More results

Similar Description - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
GBJ10005 CHENYI-GBJ10005 Datasheet
56Kb / 2P
   10Amp glass passivated bridge rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
   2Amp glass passivated rectifier 50to1000 volts
logo
SeCoS Halbleitertechnol...
GBJ15005 SECOS-GBJ15005_15 Datasheet
204Kb / 2P
   15Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com