Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ806 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # GBJ806
Description  8Amp glass passivated bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

GBJ806 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  GBJ806 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech GBJ806 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cnelectr.com
RATING AND CHARACTERISTIC CURVES
GBJ8005 thru GB810
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
20
40
60
80
180
160
140
120
100
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
40
60
80
100
4.0
1.0
20
2.0
6.0
140
CASE TEMPERATURE , C
5.0
3.0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
120
WITHOUT HEATSINK
WITH HEATSINK
8.0
7.0
REVERSE VOLTAGE , VOLTS
10.0
100
10
1.0
1.0
100
4.0
FIG.3 - TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PULSE WIDTH 300us
TJ = 25 C, f = 1MHz
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
20
40
0
1.0
10
100
60
80
100
0.1
1000
TJ = 25 C
TJ = 50 C
TJ = 125 C
TJ = 100 C
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)


Similar Part No. - GBJ806

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ806 DIODES-GBJ806 Datasheet
64Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21217 Rev. D-2
logo
Goodwork Semiconductor ...
GBJ806 GWSEMI-GBJ806 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
GBJ806 HY-GBJ806 Datasheet
366Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ806 MCC-GBJ806 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
GBJ806 CHONGQING-GBJ806 Datasheet
212Kb / 2P
   SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBJ806

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
KBU8A CHENYI-KBU8A Datasheet
318Kb / 2P
   8Amp single phase bridge rectifier 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
   15Amp glass passivated bridge rectifier 50to1000 volts
GBJ10005 CHENYI-GBJ10005 Datasheet
56Kb / 2P
   10Amp glass passivated bridge rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
RL201GP CHENYI-RL201GP Datasheet
51Kb / 3P
   2Amp glass passivated rectifier 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com