Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER203G Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # HER203G
Description  2.0Amp glass passivated high efficient rectifiers 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

HER203G Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  HER203G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech HER203G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201G
THRU
HER208G
Passivated High
Efficient Rectifiers
50 to 1000 Volts
Features
High Surge Current Capability
High Reliability
Low Forward Voltage Drop
High Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
HER201G
---
50V
35V
50V
HER202G
---
100V
70V
100V
HER203G
---
200V
140V
200V
HER204G
---
300V
210V
300V
HER205G
---
400V
280V
400V
HER206G
---
600V
420V
600V
HER207G
---
800V
560V
800V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2 A
TA = 55
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
HER201G-204G
HER205G
VF
1.0V
1.3V
IFM = 2.0A;
TA = 25
°C
Reverse Current At
Rated DC Blocking
Voltage (Maximum DC)
IR
5
µA
150
µA
TA = 25
°C
TA = 125
°C
Maximum Reverse
Recovery Time
HER201G-205G
HER206G-208G
Trr
50ns
75ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
HER201G-205G
HER206G-208G
CJ
50pF
30pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
DO-15
www.cnelectr.com
HER206G - 208G
1.7V
HER208G
---
1000V
700V
1000V
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.8
7.6
B
.104
.140
2.6
3.6
C
.028
.034
0.71
0.86
D
1.000
---
25.40
---
A
B
C
D
D
Cathode
Mark
2.0 Amp Glass
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - HER203G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER203G JGD-HER203G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Gaomi Xinghe Electronic...
HER203G GXELECTRONICS-HER203G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
Chongqing Pingwei Enter...
HER203G CHONGQING-HER203G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Compact Technology Corp...
HER203G CTC-HER203G Datasheet
114Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER203G GOOD-ARK-HER203G Datasheet
118Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
More results

Similar Description - HER203G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
EGP20A CHENYI-EGP20A Datasheet
59Kb / 3P
   2.0Amp glass passivated high efficient rectifiers 50to800 volts
RGP20A CHENYI-RGP20A Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
HER601 CHENYI-HER601 Datasheet
57Kb / 2P
   6.0Amp high efficient rectifiers 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HER301 CHENYI-HER301 Datasheet
56Kb / 2P
   3.0Amp high efficient rectifiers 50to1000 volts
HER501 CHENYI-HER501 Datasheet
64Kb / 2P
   5.0Amp high efficient rectifiers 50to1000 volts
HER101S CHENYI-HER101S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com