Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER602 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # HER602
Description  6.0Amp high efficient rectifiers 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

HER602 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  HER602 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech HER602 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER601 thru HER608
www.cnelectr.com
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
FIG.2- MAXIMUM AVERAGE
FORWARD CURRENT DERATING
25
50 75 100 125 150 175
1
3
5
2
6
4
AMBIENT TEMPERATURE. ( C)
O
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
RATINGS AND CHARACTERISTIC CURVES
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
FIG.4- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
1000
50
100
50
0
150
200
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
.01
.1
1.0
10.0
100.0
FORWARD VOLTAGE. (V)
FIG.6- TYPICAL JUNCTION CAPACITANCE
.1
.5
1
5
2
10
20
50
100 200
500
25
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HER601~HER605
HER606~H
ER608


Similar Part No. - HER602

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
HER602 DSK-HER602 Datasheet
286Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
HER602 WTE-HER602 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Yangzhou yangjie electr...
HER602 YANGJIE-HER602 Datasheet
754Kb / 2P
   6.0 AMPS. HIGH EFFICIENT RECTIFIERS
logo
Gaomi Xinghe Electronic...
HER602 GXELECTRONICS-HER602 Datasheet
328Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Rugao Dachang Electroni...
HER602 DACHANG-HER602 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 6.0A
More results

Similar Description - HER602

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
HER301 CHENYI-HER301 Datasheet
56Kb / 2P
   3.0Amp high efficient rectifiers 50to1000 volts
HER501 CHENYI-HER501 Datasheet
64Kb / 2P
   5.0Amp high efficient rectifiers 50to1000 volts
HER101S CHENYI-HER101S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
HER201G CHENYI-HER201G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
GP30A CHENYI-GP30A Datasheet
48Kb / 3P
   3.0Amp glass passivated junction rectifiers 50to1000 volts
GP10A CHENYI-GP10A Datasheet
53Kb / 3P
   1.0Amp glass passivated junction rectifiers 50to1000 volts
GP15A CHENYI-GP15A Datasheet
47Kb / 3P
   1.5Amp glass passivated junction rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com