Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER208G Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # HER208G
Description  2.0Amp glass passivated high efficient rectifiers 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

HER208G Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  HER208G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech HER208G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
FIG.2- MAXIMUM AVERAGE
FORWARD CURRENT DERATING
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
25
50 75 100 125 150 175
0
1.0
3.0
2.0
AMBIENT TEMPERATURE. ( C)
o
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
10
0
20
30
50
40
60
80
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
0.1
1.0
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
FIG.4- TYPICAL FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
0.001
0.01
0.1
1.0
10
FORWARD VOLTAGE. (V)
FIG.6- TYPICAL JUNCTION CAPACITANCE
.1
.5
1
5
2
10
20
50
100 200
500 800
25
0
50
75
100
125
150
175
REVERSE VOLTAGE. (V)
HER201
G~HER20
5G
HER
206
G~H
ER208
G
HER201G THRU HER208G
www.cnelectr.com


Similar Part No. - HER208G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER208G LUGUANG-HER208G Datasheet
1Mb / 2P
   2.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Jinan Gude Electronic D...
HER208G JGD-HER208G Datasheet
172Kb / 2P
   2.0 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Chongqing Pingwei Enter...
HER208G CHONGQING-HER208G Datasheet
39Kb / 1P
   HIGH EFFICIENCY PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
HER208G TSC-HER208G Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
Gaomi Xinghe Electronic...
HER208G GXELECTRONICS-HER208G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
More results

Similar Description - HER208G

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
EGP20A CHENYI-EGP20A Datasheet
59Kb / 3P
   2.0Amp glass passivated high efficient rectifiers 50to800 volts
RGP20A CHENYI-RGP20A Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
KBP2005 CHENYI-KBP2005 Datasheet
557Kb / 2P
   2.0Amp glass passivated bridge rectifier 50to1000 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
HER601 CHENYI-HER601 Datasheet
57Kb / 2P
   6.0Amp high efficient rectifiers 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
HER301 CHENYI-HER301 Datasheet
56Kb / 2P
   3.0Amp high efficient rectifiers 50to1000 volts
HER501 CHENYI-HER501 Datasheet
64Kb / 2P
   5.0Amp high efficient rectifiers 50to1000 volts
HER101S CHENYI-HER101S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com