Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP204 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # KBP204
Description  2.0Amp glass passivated bridge rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

KBP204 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  KBP204 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech KBP204 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBP2005
THRU
KBP210
2
.0 Amp Glass
Passivated Bridge
Rectifier
50 to 1000 Volts
KBP
Features
Glass Passivated Die Construction
Low Forward Voltage Drop
Ideal for Printed Circuit Boards
High Surge Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.559
.60
14.22
15.24
B
.42
.46
10.67
11.68
C
.60
---
15.2
---
D
.168
.20
4.30
5.08
E
.142
.161
3.60
4.10
G
.085
.105
2.16
2.67
H
.03
.034
0.76
0.86
I
.06
---
1.52
---
J
.46
.50
11.68
12.70
K
.50
---
12.7
---
L
3.2*450 Typ.
3.2*450 Typ.
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
KBP2005
50V
35V
50V
KBP201
100V
70V
100V
KBP202
200V
140V
200V
KBP204
400V
280V
400V
KBP206
600V
420V
600V
KBP208
800V
560V
800V
KBP210
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2
.0A
Ta = 50°C
Note1
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.1V
IF = 1.5A per
element;
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
0.5mA
T
a = 25°C
T
a= 100°C
Typical Junction
Capacitance per
element
Cj
15PF
Measured at
1MHZ,
VR=4V(DC)
Typical Thermal
Resistance
Rthja
28 K/W
Note2
Note: 1. Leads maintained at ambient temp. at a distance of 9.5mm
from the case
2. Mounted on PC board with 12mm
2 copper pad
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - KBP204

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KBP204 ZSELEC-KBP204 Datasheet
338Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
KBP204 WTE-KBP204 Datasheet
37Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
KBP204 YANGJIE-KBP204 Datasheet
253Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
KBP204 FS-KBP204 Datasheet
240Kb / 2P
   Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
KBP204 CDIL-KBP204 Datasheet
64Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBP204

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GP20A CHENYI-GP20A Datasheet
47Kb / 3P
   2.0Amp glass passivated junction rectifiers 50to1000 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
GBJ8005 CHENYI-GBJ8005 Datasheet
58Kb / 2P
   8Amp glass passivated bridge rectifier 50to1000 volts
GBJ20005 CHENYI-GBJ20005 Datasheet
54Kb / 2P
   20Amp glass passivated bridge rectifier 50to1000 volts
GBJ25005 CHENYI-GBJ25005 Datasheet
53Kb / 2P
   25Amp glass passivated bridge rectifier 50to1000 volts
GBJ15005 CHENYI-GBJ15005 Datasheet
57Kb / 2P
   15Amp glass passivated bridge rectifier 50to1000 volts
GBJ10005 CHENYI-GBJ10005 Datasheet
56Kb / 2P
   10Amp glass passivated bridge rectifier 50to1000 volts
HER201G CHENYI-HER201G Datasheet
277Kb / 2P
   2.0Amp glass passivated high efficient rectifiers 50to1000 volts
RGP20A CHENYI-RGP20A Datasheet
51Kb / 3P
   2.0Amp glass passivated juntion fast recovery rectifiers 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com