Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSCD102SH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SSCD102SH
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SSCD102SH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SSCD102SH Datasheet HTML 1Page - Zowie Technology Corporation SSCD102SH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~100V / 1.0A)
SSCD102SH THRU SSCD110SH
Unit : mm
Schottky Barrier Diode
* Halogen-free type
* Lead free product , compliance to RoHs
* Lead less chip form , no lead damage
* Lead-free solder joint , no wire bond & lead frame
* Low power loss , High efficiency
* High current capability , low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* General rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
2007/12
REV. 1
MARKING
Equivalent : SOD-123
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
102SH
20
104SH
40
106SH
60
110SH
100
V
IF(AV)
A
IFSM
A
Tj
TSTG
20
-55 to +125
-55 to +150
-55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
SSCD
1.0
Repetitive peak reverse voltage
Storage temperature Range
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Type
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
SSCD102SH
/
SSCD104SH
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
SSCD106SH
IF = 0.1A
IF = 0.5A
IF = 1.0A
V
SSCD110SH
Unit
Forward voltage (NOTE 1)
oC/W
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
Rth(JL)
Junction to lead (NOTE 2)
pF
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
Min.
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
0.32
0.40
0.46
0.35
0.48
0.62
0.45
0.66
0.76
88
28
110
0.015
-
-
0.50
-
-
0.70
-
-
0.85
Max.
-
-
-
0.2
IRRM
Repetitive peak reverse current (NOTE 1)
VR = Max. VRRM , Ta = 25
oC
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
Cathode mark
Amps class
Small Package
Voltage class
A S
3.40 ± 0.1
0.05
R0.40
0.70 ± 0.2
0.70 ± 0.2
SSCD102
Halogen-free type
.
Case : 1206-S


Similar Part No. - SSCD102SH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSCD102S SECOS-SSCD102S Datasheet
335Kb / 2P
   1.0 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SSCD102SH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com