Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1050CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MBR1050CT
Description  10Amp schottky barrier rectifier 30-60volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR1050CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MBR1050CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR1050CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
MBR1030CT thru MBR1060CT
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
25
50
75
100
125
150
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
4
0
50
16
175
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0.001
0.1
1.0
100
10
60
80
100
TJ = 125 C
0.01
TJ = 25 C
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
12
0
8
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
1.0
0.9
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
2% Duty cycle
TJ = 25 C
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
1000
100
10
0.1
CASE TEMPERATURE , C
0
4
MBR1050CT ~ MBR1060CT
MBR1030CT ~ MBR1045CT
MBR1030CT ~ MBR1045CT
MBR1050CT ~ MBR1060CT
TJ = 25 C, f= 1MHz
www.cnelectr.com


Similar Part No. - MBR1050CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1050CT DIODES-MBR1050CT Datasheet
64Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS30027 Rev. A-2
logo
Dongguan City Niuhang E...
MBR1050CT NIUHANG-MBR1050CT Datasheet
2Mb / 5P
   SCHOTTKY RECTIFIERS
logo
RFE international
MBR1050CT RFE-MBR1050CT Datasheet
2Mb / 3P
   Schottky Diodes
12-12-2022
logo
Micro Commercial Compon...
MBR1050CT MCC-MBR1050CT Datasheet
167Kb / 3P
   10 Amp Schott ky Barrier Rectifier 30-60 Volts
logo
Kersemi Electronic Co.,...
MBR1050CT KERSEMI-MBR1050CT Datasheet
1Mb / 2P
   Metal of siliconrectifier, majonty carrier conducton
More results

Similar Description - MBR1050CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
logo
Micro Commercial Compon...
MBRD1045CTQ MCC-MBRD1045CTQ Datasheet
534Kb / 3P
   10Amp Schottky Barrier Rectifier 45 Volts
Rev.3-1-11012022
logo
Cystech Electonics Corp...
MBR10100FP CYSTEKEC-MBR10100FP Datasheet
389Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200FP CYSTEKEC-MBR10200FP Datasheet
377Kb / 7P
   10Amp. Schottky Barrier Rectifiers
MBR10200J3 CYSTEKEC-MBR10200J3 Datasheet
386Kb / 8P
   10Amp. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
MBR1080CT CHENYI-MBR1080CT Datasheet
243Kb / 2P
   10Amp schottky barrier rectifier 80-100 volts
logo
Cystech Electonics Corp...
MBR1060E3 CYSTEKEC-MBR1060E3 Datasheet
157Kb / 4P
   10Amp. Schottky Barrier Rectifiers
MBR10150E3 CYSTEKEC-MBR10150E3 Datasheet
159Kb / 4P
   10Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM1060DS1 SECOS-SM1060DS1_15 Datasheet
201Kb / 2P
   10Amp. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com