Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4030CT Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MBR4030CT
Description  40Amp schottky barrier rectifier 20to60 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR4030CT Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MBR4030CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR4030CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Surge Capacity
l
Low Power Loss, High Efficiency
l
High Current Capability
l
Metal of silicon Rectifier, majority Carrier Conduction
l
Guard Ring For Transient Protection
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +175oC
MBR4020PT
20V
14V
20V
MBR4030PT
30V
21V
30V
MBR4035PT
35V
24.5V
35V
MBR4040PT
40V
28V
40V
MBR4045PT
45V
31.5V
45V
MBR4060PT
60V
42V
60V
Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR4020PT
THRU
MBR4060PT
40 Amp Schottky
Barrier Rectifier
20 to 60 Volts
Electrical Characteristics @25oC Unless Otherwise Specified
Pulse test: Pulse width 300 usec, duty cycle 2%.
www.
cnelectr.com
Average Forward Current
IF(AV)
40.0A
TC=125
oC
Peak Forward Surge
Current
IFSM
400A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR4020PT-4045PT
MBR4060PT
VF
.70V
IFM=20.0A
.80V
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
T C=25
oC
Typical Junction
Capacitance
Cj
700pF
Measured at
1.0MHz,
V R=4.0V
PIN 1
PIN 3
PIN 2
CASE
E
L
Q
P
N
M
F
C
B
A
O
K
J
I
H
G
D

INCHES
MM






A
.620
.640
15.75
16.25
B
.837
.856
21.25
21.75
O
.076
.086
1.93
2.18
C
.772
.791
19.60
20.10
D
.149
.172
3.78
4.38
E
.074
.082
1.88
2.08
F
.192
.202
4.87
5.13
G
.173 TYP
4.4 TYP
H
.075
.085
1.90
2.16
I
.115
.127
2.93
3.22
J
.044
.048
1.12
1.22
K
.114
.126
2.90
3.20
L
.205
.224
5.20
5.70
M
.083
.095
2.10
2.40
N
.020
.030
0.51
0.76
T C=25
oC
MBR4020PT-4045PT
.60V
T C=125
oC
100mA
T C=125
oC
10
° TYP
2
0
° TYP
Q
P
L
PIN
1
2
3
TO-3P

MBR4060PT
.70V
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - MBR4030CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBR4030CT SMC-MBR4030CT Datasheet
228Kb / 5P
   SCHOTTKY RECTIFIER
logo
Gaomi Xinghe Electronic...
MBR4030CT GXELECTRONICS-MBR4030CT Datasheet
345Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Inchange Semiconductor ...
MBR4030CT ISC-MBR4030CT Datasheet
267Kb / 2P
   Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
MBR4030CT SAMYANG-MBR4030CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBR4030CT SMCDIODE-MBR4030CT Datasheet
286Kb / 4P
   MBR4030CT SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - MBR4030CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR1620 CHENYI-MBR1620 Datasheet
79Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
MBR1620CT CHENYI-MBR1620CT Datasheet
237Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
logo
Microsemi Corporation
FST40120 MICROSEMI-FST40120 Datasheet
147Kb / 2P
   40Amp Schottky Barrier Rectifier
FST40180 MICROSEMI-FST40180 Datasheet
145Kb / 2P
   40Amp Schottky Rectifier
FST6630 MICROSEMI-FST6630 Datasheet
145Kb / 2P
   40Amp Schottky Rectifier
logo
Cystech Electonics Corp...
SKM4045CTFP CYSTEKEC-SKM4045CTFP Datasheet
547Kb / 5P
   40Amp. MOS BARRIER RECTIFIER
SKM4045CTE3 CYSTEKEC-SKM4045CTE3 Datasheet
470Kb / 5P
   40Amp. MOS BARRIER RECTIFIER
logo
Microsemi Corporation
FST4520 MICROSEMI-FST4520 Datasheet
131Kb / 2P
   40Amp Schottky ORING Rectifier
FST4015 MICROSEMI-FST4015 Datasheet
140Kb / 2P
   40Amp Schottky ORING Rectifier
logo
Sirectifier Global Corp...
SBL40B45CTH SIRECT-SBL40B45CTH Datasheet
140Kb / 2P
   Power Schottky Rectifier - 40Amp 45Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com