Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR4060CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MBR4060CT
Description  40Amp schottky barrier rectifier 20to60 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBR4060CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MBR4060CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBR4060CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR4020PT thru MBR4060PT
www.
cnelectr.com
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
100
200
300
400
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
10
0
50
40
175
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
30
0
20
RESISTIVE OR
INDUCTIVE LOAD
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.3
0.7
0.8
1.0
10
100
0.4
0.5
0.6
0.1
0.9
PULSE WIDTH 300ua
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.1
1.0
10
100
0.1
PULSE WIDTH 300us
TJ = 25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%)
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
20
40
120
140
0
0.001
0.1
10
1.0
60
80
100
0.01
TJ = 125 C
TJ = 25 C
TJ = 75 C
MBR4020PT~ MBR4045PT
MBR4060PT
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
10000
1000
100
TJ = 25 C, f= 1MHz
0.1
CASE TEMPERATURE , C
0
4


Similar Part No. - MBR4060CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR4060CT SIRECT-MBR4060CT Datasheet
141Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
logo
Kersemi Electronic Co.,...
MBR4060CT KERSEMI-MBR4060CT Datasheet
864Kb / 2P
   Power Schottky Rectifier - 40Amp 60Volt
logo
Sangdest Microelectroni...
MBR4060CT SMC-MBR4060CT Datasheet
161Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microdiode Electronics ...
MBR4060CT CHENDA-MBR4060CT Datasheet
667Kb / 2P
   40 to 200 Volts Forward Current - 40.0 Amperes
logo
Gaomi Xinghe Electronic...
MBR4060CT GXELECTRONICS-MBR4060CT Datasheet
345Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR4060CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR1620 CHENYI-MBR1620 Datasheet
79Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
MBR1620CT CHENYI-MBR1620CT Datasheet
237Kb / 2P
   16Amp schottky barrier rectifier 20to60 volts
logo
Microsemi Corporation
FST40120 MICROSEMI-FST40120 Datasheet
147Kb / 2P
   40Amp Schottky Barrier Rectifier
FST40180 MICROSEMI-FST40180 Datasheet
145Kb / 2P
   40Amp Schottky Rectifier
FST6630 MICROSEMI-FST6630 Datasheet
145Kb / 2P
   40Amp Schottky Rectifier
logo
Cystech Electonics Corp...
SKM4045CTFP CYSTEKEC-SKM4045CTFP Datasheet
547Kb / 5P
   40Amp. MOS BARRIER RECTIFIER
SKM4045CTE3 CYSTEKEC-SKM4045CTE3 Datasheet
470Kb / 5P
   40Amp. MOS BARRIER RECTIFIER
logo
Microsemi Corporation
FST4520 MICROSEMI-FST4520 Datasheet
131Kb / 2P
   40Amp Schottky ORING Rectifier
FST4015 MICROSEMI-FST4015 Datasheet
140Kb / 2P
   40Amp Schottky ORING Rectifier
logo
Sirectifier Global Corp...
SBL40B45CTH SIRECT-SBL40B45CTH Datasheet
140Kb / 2P
   Power Schottky Rectifier - 40Amp 45Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com