Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRX0580 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MBRX0580
Description  0.5Amp schottky rectifier 20to100 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MBRX0580 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MBRX0580 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MBRX0580 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MBRX0580 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
l
High Current Capability
l
Extremely Low Thermal Resistance
l
For Surface Mount Application
l
Higher Temp Soldering: 250
oC for 10 Seconds At Terminals
l
Low Forward Voltage
Maximum Ratings
l
Operating Temperature: -55
oC to +125oC
l
Storage Temperature: -55
oC to +150oC
l
Maximum Thermal Resistance: 5
oC/W Junction to Lead
MBRX0520
------
20V
14V
20V
MBRX0530
------
30V
21V
30V
MBRX0540
------
40V
28V
40V
MBRX0560
------
60V
42V
60V
MBRX0580
------
80V
56V
80V
MBRX05100
------
100V
70V
100V
Maximum
DC
Blocking
Voltage
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.5A
TJ=90
o C
Peak Forward
Surge Current
IFSM
20A
8.3ms half
sine
Maximum
Instantaneous
Forward Voltage
MBRX0520
MBRX0530
MBRX0540
MBRX0560
MBRX0580-05100
V F
0.45V
0.55V
0.55V
0.70V
0.80V
IFM=0.5A
TJ=25
o C
Maximum DC
Reverse Current
At Rated DC
Blocking Voltage
IR
0.3mA
TA=25
oC
Typical Junction
Capacitance
C J
30pF
Measured at
1.0MHz,
V R=4.0V
MBRX0520
THRU
MBRX05100
0.5 Amp
Schottky Rectifier
20 to 100 Volts
A
B
E
C
J
D
H
G
SOD323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
www.cnelectr.com
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - MBRX0580

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRX0580 MCC-MBRX0580 Datasheet
97Kb / 3P
   0.5 Amp Schottky Rectifier 20 to 100 Volts
logo
Shenzhen Taychipst Elec...
MBRX0580 TAYCHIPST-MBRX0580 Datasheet
2Mb / 2P
   Schottky Rectifier
More results

Similar Description - MBRX0580

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MBR0520 CHENYI-MBR0520 Datasheet
55Kb / 2P
   0.5Amp schottky rectifier 20to100 volts
MS820 CHENYI-MS820 Datasheet
56Kb / 3P
   8Amp schottky barrier rectifier 20to100 volts
MBR2520CT CHENYI-MBR2520CT Datasheet
218Kb / 2P
   25Amp schottky barrier rectifier 20to100 volts
MBRX02520 CHENYI-MBRX02520 Datasheet
90Kb / 3P
   0.25Amp schottky barrier rectifier 20to100 volts
MBR1520CT CHENYI-MBR1520CT Datasheet
85Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
MBRF1020CT CHENYI-MBRF1020CT Datasheet
65Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
   20Amp schottky barrier rectifier 20to100 volts
MBR1020 CHENYI-MBR1020 Datasheet
106Kb / 2P
   10Amp schottky barrier rectifier 20to100 volts
MBR1520 CHENYI-MBR1520 Datasheet
74Kb / 2P
   15Amp schottky barrier rectifier 20to100 volts
logo
Sirectifier Global Corp...
CH551H-30PT SIRECT-CH551H-30PT Datasheet
172Kb / 2P
   Schottky Rectifier - 0.5Amp 30Volt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com