Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT25Q301 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # GT25Q301
Description  N CHANNEL IGBT(HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT25Q301 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  GT25Q301 Datasheet HTML 1Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 2Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 3Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 4Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 5Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 6Page - Toshiba Semiconductor GT25Q301 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
GT25Q301
2003-01-28
5
Gate charge QG (nC)
Collector-emitter voltage VCE (V)
Collector-emitter voltage VCE (V)
Collector-emitter voltage VCE (V)
Safe Operating Area
Forward voltage VF (V)
Forward current IF (A)
VCE, VGE – QG
C – VCE
0.3
1
0.1
300
100
10
30
1000
3000
10000
3
10
30
300
1000
Common emitter
VGE = 0
f = 1 MHz
Tc = 25°C
Cies
Coes
Cres
100
Common emitter
RL = 12 Ω
Tc = 25°C
0
0
40
80
120
160
200
0
4
8
12
16
20
200
400
600
800
1000
VCE = 200 V
600
400
Reverse Bias SOA
0.3
1
3
10
0.5
1
3
5
10
30
30
100
300
3000
1000
0.1
100
50
Tj ≤ 125°C
VGE = ±15 V
RG = 43 Ω
IF – VF
50
40
30
20
10
0
0
1
2
3
4
5
Tc = 125°C
Common emitter
VGE = 0
25
−40
trr, Irr – IF
25
10
0
5
10
15
20
30
1
30
100
Common emitter
di/dt = −200 A/µs
VGE = 0
: Tc = 25°C
: Tc = 125°C
3
trr
Irr
100
10
1000
0.3
1
3
10
0.5
1
3
5
10
30
30
100
300
3000
1000
0.1
100
50
*: Single
nonrepetitive
pulse Tc = 25°C
Curves must be
derated linearly with
increase in
temperature.
IC max (pulsed)*
IC max (continuous)
DC operation
1 ms*
100 µs*
50 µs*
10 ms*


Similar Part No. - GT25Q301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT25Q301 TOSHIBA-GT25Q301 Datasheet
175Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
GT25Q301 TOSHIBA-GT25Q301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
GT25Q301 TOSHIBA-GT25Q301_06 Datasheet
175Kb / 7P
   Silicon N Channel IGBT High Power Switching Applications
More results

Similar Description - GT25Q301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG15Q6ES42 TOSHIBA-MG15Q6ES42 Datasheet
258Kb / 5P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG25Q6ES51A TOSHIBA-MG25Q6ES51A Datasheet
263Kb / 7P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG300Q1US41 TOSHIBA-MG300Q1US41 Datasheet
252Kb / 5P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG400Q1US51 TOSHIBA-MG400Q1US51 Datasheet
309Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50J6ES50 TOSHIBA-MG50J6ES50 Datasheet
307Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q2YS40 TOSHIBA-MG50Q2YS40 Datasheet
253Kb / 5P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG600J1US51 TOSHIBA-MG600J1US51 Datasheet
319Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT10J303 TOSHIBA-GT10J303 Datasheet
291Kb / 6P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J101 TOSHIBA-GT15J101 Datasheet
208Kb / 3P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J102 TOSHIBA-GT15J102 Datasheet
207Kb / 3P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J103 TOSHIBA-GT15J103 Datasheet
190Kb / 3P
   N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com