Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR750 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MR750
Description  6Amp rectifier 50-1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MR750 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MR750 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MR750 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MR750 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MR750 thru MR7510
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Thermal Resistance -
°C/W versus
Equal Lead Length To Heat Sink - Inches
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
200
100
Amps
.8
.9
1.0
1.1
1.2
1.3
.1
.2
.4
.6
1
2
4
6
10
20
25
°C
Volts
Figure 3
Typical Thermal Resistance versus Lead Length
.1
.2
.3
.5
.6
.7
.4
.8
.9
0
10
20
°C/W
Inches
15
5
1.0
1.1
www.cnelectr.com


Similar Part No. - MR750

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR750 MOTOROLA-MR750 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Micro Commercial Compon...
MR750 MCC-MR750 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
ON Semiconductor
MR750 ONSEMI-MR750 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Won-Top Electronics
MR750 WTE-MR750 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
DIOTEC Electronics Corp...
MR750 DEC-MR750 Datasheet
82Kb / 1P
   25 AMP LEAD MOUNT BUTTON DIODES
More results

Similar Description - MR750

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR601 CHENYI-FR601 Datasheet
48Kb / 3P
   6Amp fast recovery rectifier 50 to 1000 volts
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
   6Amp glass passivated fast recovery rectifier 50 to 1000 volts
MR750FR CHENYI-MR750FR Datasheet
52Kb / 3P
   6Amp fast recovery rectifier 50to100 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
   1Amp rectifier 50-1000 volts
MR2400FR CHENYI-MR2400FR Datasheet
118Kb / 3P
   24Amp rectifier 50-1000 volts
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
logo
Shanghai Lunsure Electr...
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com