Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR605CT Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MUR605CT
Description  6Amp super fast glass passivated rectifier 50to600 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MUR605CT Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MUR605CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MUR605CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MUR605CT
THRU
MUR660CT
6 Amp Super Fast
Glass Passivated
Rectifier
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MUR605CT MUR605CT
50V
35V
50V
MUR610CT MUR610CT
100V
70V
100V
MUR620CT MUR620CT
200V
140V
200V
MUR640CT MUR640CT
400V
280V
400V
MUR660CT MUR660CT
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6 A
TC = 75
°C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
IFM = 3 A per
element;
TA = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
50uA
TA = 25
°C
TA = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
605CT-620CT
1.7 V
660CT
1.3V
www.cnelectr.com
Glass passivated junction
Superfast recovery time for hight efficiency
Low profile package
High temperature soldering :
605CT- 620CT
640CT
35ns
60ns
Maximum Reverse
Recovery Time
Trr
IF=0.5A,
Irr=0.25A
TO-220AB
50 to 600 Volts
660CT
75ns
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769
260
°C / 10 seconds at terminals
640CT
0.975V
PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H

INCHES
MM






A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.100
.135
2.54
3.43
D
.230
.270
5.84
6.86
E
.380
.420
9.65
10.67
F
------
.250
------
6.35
G
.500
.580
12.70
14.73
H
.090
.110
2.29
2.79
I
.020
.045
0.51
1.14
J
.012
.025
0.30
0.64
K
.139
.161
3.53
4.09
L
.140
.190
3.56
4.83
M
.045
.055
1.14
1.40
N
.080
.115
2.03
2.92



Similar Part No. - MUR605CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR605CT MCC-MUR605CT Datasheet
92Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR605CT KERSEMI-MUR605CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Digitron Semiconductors
MUR605CT DIGITRON-MUR605CT Datasheet
139Kb / 2P
   6A SCHOTTKY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR605CT NJSEMI-MUR605CT Datasheet
94Kb / 1P
   Glass passivated chip
More results

Similar Description - MUR605CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MURH805CT CHENYI-MURH805CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
MUR1505 CHENYI-MUR1505 Datasheet
195Kb / 2P
   15Amp super fast glass passivated rectifier 50to600 volts
MUR1605CT CHENYI-MUR1605CT Datasheet
613Kb / 2P
   16Amp super fast glass passivated rectifier 50to600 volts
MUR105GP CHENYI-MUR105GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
SF31 CHENYI-SF31 Datasheet
90Kb / 3P
   3.0Amp super fast rectifier 50to600 volts
GBJ6005 CHENYI-GBJ6005 Datasheet
56Kb / 2P
   6Amp glass passivated bridge rectifier 50to1000 volts
FR601GP CHENYI-FR601GP Datasheet
48Kb / 3P
   6Amp glass passivated fast recovery rectifier 50 to 1000 volts
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
   8Amp super fast glass passivated rectifier 50to400 volts
MR750FR CHENYI-MR750FR Datasheet
52Kb / 3P
   6Amp fast recovery rectifier 50to100 volts
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com