Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2410FR Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # MR2410FR
Description  24Amp rectifier 50-1000 volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MR2410FR Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  MR2410FR Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MR2410FR Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech MR2410FR Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MR2400FR

MR2410FR
24 Amp Rectifier
































































!




"














www.cnelectr.com
Features

• Glass Passivated Die
• Low Forward Voltage Drop
• High Current Capability
Maximum Ratings
• , )- '"65°/150°
• )- '"65°/!.°
• Thermal Resistance Juncetion to Case (R jc):0.8 C /W
5'6
%'
0'
(07
8 )
%'
08 )
%'9
* ()
8 )
MR2400FR
50V
35V
50V
MR2401FR
100V
70V
100V
MR2402FR
200V
140V
200V
MR2404FR
400V
280V
400V
MR2406FR
600V
420V
600V
MR2408FR
800V
560V
800V
MR2410FR
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
24.0A
Tc =125
°C
Peak Forward Surge
Current
IFSM
300A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.15V
IFM = 24.0A;
Ta= 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25
µA
1.0
µA
Tc = 25
°C
Tc = 100
°C
Maximum Reverse
Recovery Time
Trr
100ns
IF=0.5A,
IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
95pF
Measured at
1.0MHz,
VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
• High Surge Current
• Low Leakage
• Anode To Tab Configuration
to.
250ns.
°C
INCHES
M M
DIMENSIONS
O
Shanghai Lunsure Electronic
Technology Co.,Ltd
Tel:0086-21-37185008
Fax:0086-21-57152769


Similar Part No. - MR2410FR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MR2410FR MCC-MR2410FR Datasheet
79Kb / 4P
   24 Amp Fast Recovery Rectifiers 50-1000 Volt
logo
Digitron Semiconductors
MR2410FR DIGITRON-MR2410FR Datasheet
120Kb / 4P
   24A FAST RECOVERY RECTIFIER
More results

Similar Description - MR2410FR

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MR2400 CHENYI-MR2400 Datasheet
63Kb / 3P
   24Amp recovery rectifier 50-1000 volts
RL101 CHENYI-RL101 Datasheet
49Kb / 3P
   1Amp rectifier 50-1000 volts
MR750 CHENYI-MR750 Datasheet
60Kb / 3P
   6Amp rectifier 50-1000 volts
logo
Solid States Devices, I...
SDA188A SSDI-SDA188A Datasheet
148Kb / 2P
   50 AMPS 50 - 1000 VOLTS RECTIFIER ASSEMBLY
logo
Micro Commercial Compon...
1N5391 MCC-1N5391 Datasheet
78Kb / 3P
   1.5 Amp Rectifier 50 - 1000 Volts
1N5400 MCC-1N5400 Datasheet
78Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
1N4001 MCC-1N4001_11 Datasheet
180Kb / 4P
   1 Amp Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
1N5391 MCC-1N5391_11 Datasheet
442Kb / 4P
   1.5 Amp Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com