Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR460 Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MUR460
Description  4Amp super fast recovery rectifier 50to1000 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MUR460 Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MUR460 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MUR460 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR405 thru MUR4100
www.cnelectr.com
1
100
4
0
25
50
75
8
Figure 3
Peak Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
100
150
200
Average Forward Rectified Current - Amperesversus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
1
2
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
4
5
6
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.2
1.2
.4
.6
.8
1.0
.01
.02
.04
.06
.1
.2
.4
.6
1
2
25
°C
40
60
100
1.4


Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR460 MOTOROLA-MUR460 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
First Silicon Co., Ltd
MUR460 FS-MUR460 Datasheet
125Kb / 2P
   Outline Dimensions and Mark
logo
Guangdong Kexin Industr...
MUR460 KEXIN-MUR460 Datasheet
815Kb / 2P
   Ultra Fast Recovery Diodes
logo
SynSemi, Inc.
MUR460 SYNSEMI-MUR460 Datasheet
36Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Diotec Semiconductor
MUR460 DIOTEC-MUR460 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results

Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MUR105 CHENYI-MUR105 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
RS401L CHENYI-RS401L Datasheet
57Kb / 2P
   4Amp single phase bridge rectifier 50to1000 volts
UF5400 CHENYI-UF5400 Datasheet
57Kb / 3P
   3Amp ultra fast recovery rectifier 50to1000 volts
UF4001 CHENYI-UF4001 Datasheet
338Kb / 2P
   1Amp ultra fast recovery rectifier 50to1000 volts
KBJ4005 CHENYI-KBJ4005 Datasheet
247Kb / 2P
   4Amp glass passivated bridge rectifiers 50to1000 volts
UF5400GP CHENYI-UF5400GP Datasheet
54Kb / 3P
   3Amp ultra fast glass passivated recovery rectifier 50to1000 volts
UF4001GP CHENYI-UF4001GP Datasheet
256Kb / 2P
   1Amp glass passivated ultra fast recovery rectifier 50to1000 volts
PF501 CHENYI-PF501 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
PF251 CHENYI-PF251 Datasheet
332Kb / 2P
   25Amp fast recover rectifier 50to1000 volts
RGP15A CHENYI-RGP15A Datasheet
50Kb / 3P
   1.5Amp glass passivated junction fast recovery rectifiers 50to1000 volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com