Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1630CT Datasheet(PDF) 2 Page - Shanghai Lunsure Electronic Tech

Part # MUR1630CT
Description  16Amp super fast glass passivated rectifier 50to600 volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

MUR1630CT Datasheet(HTML) 2 Page - Shanghai Lunsure Electronic Tech

  MUR1630CT Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech MUR1630CT Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MUR1605CT thru MUR1660CT
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperesversus
Case Temperature -
°C
Figure 3
Forward Derating Curve
60
80
100
120
140
160
0
0
2
4
6
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
8
12
16
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
Volts
4
6
20
10
Amps
.4
1.4
.6
.8
1.0
1.2
.01
.02
.04
.06
.1
.2
.4
.6
1
2
40
60
100
1.6
Figure 2
Typical Reverse Characteristics
Volts
40
60
200
100
µAmps
20
140
40
60
100
120
.1
.2
.4
4
.6
1
2
4
6
10
20
400
600
1000
160
TJ=25
°C
www.cnelectr.com
1
100
4
0
40
60
70
8
Figure 4
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
00
80
90
100
MUR1605CT~1620CT
MUR1630CT~1640CT
MUR1660CT


Similar Part No. - MUR1630CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1630CT MCC-MUR1630CT Datasheet
59Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
logo
Zibo Seno Electronic En...
MUR1630CT ZSELEC-MUR1630CT Datasheet
205Kb / 2P
   16.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Motorola, Inc
MUR1630CT MOTOROLA-MUR1630CT Datasheet
314Kb / 5P
   ULTRAFAST RECTIFIERS
logo
New Jersey Semi-Conduct...
MUR1630CT NJSEMI-MUR1630CT Datasheet
92Kb / 1P
   SWITCHMOOE POWER RECTIFIERS
logo
Kersemi Electronic Co.,...
MUR1630CT KERSEMI-MUR1630CT Datasheet
420Kb / 2P
   16 Amp Super Fast Glass Pass ivated Rectifier 300 to 600 Volts
More results

Similar Description - MUR1630CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MURH805CT CHENYI-MURH805CT Datasheet
400Kb / 2P
   8Amp super fast glass passivated rectifier 50to600 volts
MUR605CT CHENYI-MUR605CT Datasheet
344Kb / 2P
   6Amp super fast glass passivated rectifier 50to600 volts
MUR1505 CHENYI-MUR1505 Datasheet
195Kb / 2P
   15Amp super fast glass passivated rectifier 50to600 volts
MUR105GP CHENYI-MUR105GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
SF31 CHENYI-SF31 Datasheet
90Kb / 3P
   3.0Amp super fast rectifier 50to600 volts
MUR805 CHENYI-MUR805 Datasheet
68Kb / 2P
   8Amp super fast glass passivated rectifier 50to400 volts
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com